Electronic Components Datasheet Search
  English  ▼

X  

TPS51100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51100
Description  3-A SINK/SOURCE DDR TERMINATION REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51100 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51100 Datasheet HTML 1Page - Texas Instruments TPS51100 Datasheet HTML 2Page - Texas Instruments TPS51100 Datasheet HTML 3Page - Texas Instruments TPS51100 Datasheet HTML 4Page - Texas Instruments TPS51100 Datasheet HTML 5Page - Texas Instruments TPS51100 Datasheet HTML 6Page - Texas Instruments TPS51100 Datasheet HTML 7Page - Texas Instruments TPS51100 Datasheet HTML 8Page - Texas Instruments TPS51100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS51100
SLUS600B − APRIL 2004 − REVISED NOVEMBER 2005
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS51100
UNIT
Input voltage range(2)
VIN, VLDOIN, VTTSNS, VDDQSNS, S3, S5
−0.3 to 6
Input voltage range(2)
PGND
−0.3 to 0.3
V
Output voltage range(2)
VTT, VTTREF
−0.3 to 6
V
Operating ambient temperature range, TA
−40 to 85
°C
Storage temperature, Tstg
−55 to 150
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions”
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to the network ground terminal unless otherwise noted.
DISSIPATION RATING TABLE
PACKAGE
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
10-pin DGQ
1.73 W
17.3 mW/
°C
0.694 W
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VIN
4.75
5.25
S3, S5
−0.10
5.25
Voltage range
VLDOIN, VDDQSNS, VTT, VTTSNS
−0.1
3.6
V
Voltage range
VTTREF
−0.1
1.8
V
PGND
−0.1
0.1
Operating free-air temperature, TA
−40
85
°C
ACTUAL SIZE
3,05mm x 4,98mm
1
2
3
4
5
10
9
8
7
6
VDDQSNS
VLDOIN
VTT
PGND
VTTSNS
VIN
S5
GND
S3
VTTREF
(TOP VIEW)
DGQ Package
(4) For more information on the DGQ package, refer to TI Technical Brief, Literature No. SLMA002.
(5) PowerPADt heat slug must be connected to GND (pin 8) or electrically isolated from all other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com