Electronic Components Datasheet Search
  English  ▼

X  

DS1986-F3 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1986-F3
Description  64-kbits Add-Only iButton?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1986-F3 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1986-F3 Datasheet HTML 1Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 2Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 3Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 4Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 5Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 6Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 7Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 8Page - Dallas Semiconductor DS1986-F3 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DS1986
2 of 27
ORDERING INFORMATION
DS1986-F3
F3 MicroCan
DS1986-F5
F5 MicroCan
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
iButton DESCRIPTION
The DS1986 64-kbit Add-Only iButton is a rugged read/write data carrier that identifies and stores
relevant information about the product or person to which it is attached. This information can be accessed
with minimal hardware, for example a single port pin of a microcontroller. The DS1986 consists of a
factory-lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an
8-bit Family Code (0Fh) plus 64 kbit of EPROM which is user-programmable. The power to program and
read the DS1986 is derived entirely from the 1-Wire communication line. Data is transferred serially via
the 1-Wire protocol which requires only a single data lead and a ground return. The entire device can be
programmed and then write-protected if desired. Alternatively, the part may be programmed multiple
times with new data being appended to, but not overwriting, existing data with each subsequent
programming of the device. Note: Individual bits can be changed only from a logical 1 to a logical 0,
never from a logical 0 to a logical 1. A provision is also included for indicating that a certain page or
pages of data are no longer valid and have been replaced with new or updated data that is now residing at
an alternate page address. This page address redirection allows software to patch data and enhance the
flexibility of the device as a standalone database. The 48-bit serial number that is factory-lasered into
each DS1986 provides a guaranteed unique identity which allows for absolute traceability. The durable
MicroCan package is highly resistant to harsh environments such as dirt, moisture, and shock. Its compact
button-shaped profile is self-aligning with cup-shaped receptacles, allowing the DS1986 to be used easily
by human operators or automatic equipment. Accessories permit the DS1986 to be mounted on printed
circuit boards, plastic key fobs, photo-ID badges, ID bracelets, and many other objects. Applications
include work-in-progress tracking, electronic travelers, access control, storage of calibration constants,
and debit tokens.
OVERVIEW
The block diagram in Figure 1 shows the relationships between the major control and memory sections of
the DS1986. The DS1986 has three main data components: 1) 64-bit lasered ROM, 2) 65536 bits
EPROM Data Memory, and 3) 2816 bits EPROM Status Memory. The device derives its power for read
operations entirely from the 1-Wire communication line by storing energy on an internal capacitor during
periods of time when the signal line is high and continues to operate off of this “parasite” power source
during the low times of the 1-Wire line until it returns high to replenish the parasite (capacitor) supply.
During programming, 1-Wire communication occurs at normal voltage levels and then is pulsed
momentarily to the programming voltage to cause the selected EPROM bits to be programmed. The 1-
Wire line must be able to provide 12 volts and 10 milliamperes to adequately program the EPROM
portions of the part. Whenever programming voltages are present on the 1-Wire line a special high
voltage detect circuit within the DS1986 generates an internal logic signal to indicate this condition. The
hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide one
of the six ROM Function Commands, 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, 5)
Overdrive-Skip ROM, or 6) Overdrive-Match ROM. Upon completion of an Overdrive ROM command
byte executed at regular speed, the device will enter the Overdrive mode where all subsequent
communication occurs at a higher speed. These commands operate on the 64-bit lasered ROM portion of
each device and can singulate a specific device if many are present on the 1-Wire line as well as indicate
to the bus master how many and what types of devices are present. The protocol required for these ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com