Electronic Components Datasheet Search
  English  ▼

X  

74LS193 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS193
Description  Synchronous 4-Bit Binary Counter with Dual Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS193 Datasheet(HTML) 1 Page - SYC Electronica

  74LS193 Datasheet HTML 1Page - SYC Electronica 74LS193 Datasheet HTML 2Page - SYC Electronica 74LS193 Datasheet HTML 3Page - SYC Electronica 74LS193 Datasheet HTML 4Page - SYC Electronica 74LS193 Datasheet HTML 5Page - SYC Electronica 74LS193 Datasheet HTML 6Page - SYC Electronica 74LS193 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74LS193
Synchronous 4-Bit Binary Counter with Dual Clock
General Description
The DM74LS193 circuit is a synchronous up/down 4-bit
binary counter. Synchronous operation is provided by hav-
ing all flip-flops clocked simultaneously, so that the outputs
change together when so instructed by the steering logic.
This mode of operation eliminates the output counting
spikes normally associated with asynchronous (ripple-
clock) counters.
The outputs of the four master-slave flip-flops are triggered
by a LOW-to-HIGH level transition of either count (clock)
input. The direction of counting is determined by which
count input is pulsed while the other count input is held
HIGH.
The counter is fully programmable; that is, each output may
be preset to either level by entering the desired data at the
inputs while the load input is LOW. The output will change
independently of the count pulses. This feature allows the
counters to be used as modulo-N dividers by simply modi-
fying the count length with the preset inputs.
A clear input has been provided which, when taken to a
high level, forces all outputs to the low level; independent
of the count and load inputs. The clear, count, and load
inputs are buffered to lower the drive requirements of clock
drivers, etc., required for long words.
These counters were designed to be cascaded without the
need for external circuitry. Both borrow and carry outputs
are available to cascade both the up and down counting
functions. The borrow output produces a pulse equal in
width to the count down input when the counter underflows.
Similarly, the carry output produces a pulse equal in width
to the count down input when an overflow condition exists.
The counters can then be easily cascaded by feeding the
borrow and carry outputs to the count down and count up
inputs respectively of the succeeding counter.
Features
s Fully independent clear input
s Synchronous operation
s Cascading circuitry provided internally
s Individual preset each flip-flop
Ordering Code:
Connection Diagram
Order Number
Package Number
Package Description
DM74LS193M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
DM74LS193N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
www.sycelectronica.com.ar


Similar Part No. - 74LS193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS193 MOTOROLA-74LS193 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Fairchild Semiconductor
74LS193 FAIRCHILD-74LS193 Datasheet
74Kb / 7P
Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
74LS193 HITACHI-74LS193 Datasheet
104Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
More results

Similar Description - 74LS193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Fairchild Semiconductor
DM74LS193 FAIRCHILD-DM74LS193 Datasheet
74Kb / 7P
Synchronous 4-Bit Binary Counter with Dual Clock
logo
NXP Semiconductors
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
Dual 4-bit synchronous binary counter
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com