Electronic Components Datasheet Search
  English  ▼

X  

74LS194 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS194
Description  4-Bit Bidirectional Universal Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS194 Datasheet(HTML) 4 Page - SYC Electronica

  74LS194 Datasheet HTML 1Page - SYC Electronica 74LS194 Datasheet HTML 2Page - SYC Electronica 74LS194 Datasheet HTML 3Page - SYC Electronica 74LS194 Datasheet HTML 4Page - SYC Electronica 74LS194 Datasheet HTML 5Page - SYC Electronica 74LS194 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 8: All typicals are at VCC = 5V, TA = 25°C.
Note 9: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 10: With all outputs open, inputs A through D grounded, and 4.5V applied to S0, S1, CLEAR, and the serial inputs, ICC is tested with momentary
ground, then 4.5V applied to CLOCK.
Timing Diagram
Typical Clear, Load, Right-Shift, Left-Shift, Inhibit, and Clear Sequences
Symbol
Parameter
From (Input)
CL = 50 pF, RL = 2 kΩ
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
20
MHz
tPLH
Propagation Delay Time
Clock to Any Q
26
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Any Q
35
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Any Q
38
ns
HIGH-to-LOW Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com