Electronic Components Datasheet Search
  English  ▼

X  

74LS245 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS245
Description  3-STATE Octal Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS245 Datasheet(HTML) 1 Page - SYC Electronica

  74LS245 Datasheet HTML 1Page - SYC Electronica 74LS245 Datasheet HTML 2Page - SYC Electronica 74LS245 Datasheet HTML 3Page - SYC Electronica 74LS245 Datasheet HTML 4Page - SYC Electronica 74LS245 Datasheet HTML 5Page - SYC Electronica 74LS245 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LS245
3-STATE Octal Bus Transceiver
General Description
These octal bus transceivers are designed for asynchro-
nous two-way communication between data buses. The
control function implementation minimizes external timing
requirements.
The device allows data transmission from the A Bus to the
B Bus or from the B Bus to the A Bus depending upon the
logic level at the direction control (DIR) input. The enable
input (G) can be used to disable the device so that the
buses are effectively isolated.
Features
s Bi-Directional bus transceiver in a high-density 20-pin
package
s 3-STATE outputs drive bus lines directly
s PNP inputs reduce DC loading on bus lines
s Hysteresis at bus inputs improve noise margins
s Typical propagation delay times, port-to-port 8 ns
s Typical enable/disable times 17 ns
s IOL (sink current)
24 mA
s IOH (source current)
−15 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level
L
= LOW Level
X
= Irrelevant
Order Number
Package Number
Package Description
DM74LS245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS245N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Enable
Direction
Operation
G
Control
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
HX
Isolation
www.sycelectronica.com.ar


Similar Part No. - 74LS245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS245 ONSEMI-74LS245 Datasheet
102Kb / 4P
Octal Bus Transceivers
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS245 FAIRCHILD-74LS245 Datasheet
66Kb / 6P
3-STATE Octal Bus Transceiver
logo
National Semiconductor ...
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
TRI-STATE Octal Bus Transceiver
logo
Texas Instruments
74LS245 TI-74LS245 Datasheet
564Kb / 18P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
74LS245B1 ETC-74LS245B1 Datasheet
275Kb / 8P
Octal bus transceiver
More results

Similar Description - 74LS245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com