Electronic Components Datasheet Search
  English  ▼

X  

EIS-2PR Datasheet(PDF) 1 Page - AG Electronica

Part # EIS-2PR
Description  CONECTOR TIPO MOLEX HEMBRA 2 POSICIONES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

EIS-2PR Datasheet(HTML) 1 Page - AG Electronica

  EIS-2PR Datasheet HTML 1Page - AG Electronica EIS-2PR Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
EIS-2PR: CONECTOR TIPO MOLEX HEMBRA 2 POSICIONES
Descripción
Conector tipo molex hembra de 2 posiciones con paso de 2.54mm [0.100”]
Especificaciones:
Posiciones
A
B
2
5.08[.200]
2.54[.100]
3
7.62[.300]
5.08[.200]
4
10.16[.400]
7.62[.300]
5
12.7[.500]
10.16[.400]
6
15.24[.600]
12.7[.500]
8
20.32[.800]
17.78[.700]
9
22.86[.900]
20.32[.800]
10
25.4[1]
22.86[.900]
12
30.48[1.2]
27.94[1.100]


Similar Part No. - EIS-2PR

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-2PR AGELECTRONICA-EIS-2PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
More results

Similar Description - EIS-2PR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015311021 MOLEX1-0015311021 Datasheet
165Kb / 2P
MOLEX-JAPAN CO.LTD
0015311031 MOLEX1-0015311031 Datasheet
166Kb / 2P
MOLEX-JAPAN CO.LTD
0015311032 MOLEX1-0015311032 Datasheet
145Kb / 2P
MOLEX-JAPAN CO.LTD
0015311041 MOLEX1-0015311041 Datasheet
161Kb / 2P
MOLEX-JAPAN CO.LTD
0015311042 MOLEX1-0015311042 Datasheet
147Kb / 2P
MOLEX-JAPAN CO.LTD
0015311092 MOLEX1-0015311092 Datasheet
159Kb / 2P
MOLEX-JAPAN CO.LTD
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
logo
Molex Electronics Ltd.
987651-8711 MOLEX-987651-8711 Datasheet
1Mb / 4P
Molex RFID Solutions
2019.11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com