Electronic Components Datasheet Search
  English  ▼

X  

DP9501AB Datasheet(PDF) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9501AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9501AB Datasheet(HTML) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP9501AB Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DP950XB
www.publicxin.com Peng Jijun 13326967551 translated to English by Yevhen Stadnik 380972333363
1
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
Main Features
□
Integrated high voltage 500V MOSFET
□
Integrated high voltage self-powered circuit
□
No VDD capacitor design
□
±5% Constant current accuracy
□
Quasi-resonant mode high efficiency operation
□
Ultra-low operating current
□
Excellent line and load regulation
□
Internal protection function:
□
Output Overvoltage Protection (OVP)
□
Cycle-by-Cycle Current Limiting (OCP)
□
Leading Edge Blanking (LEB)
□
LED open and short circuit protection
□
Over temperature protection (OTP)
□
Package type SOP-7 and DIP-7 options
Typical Applications
□
High Power LED Lighting
Typical application circuit
Product Description
The DP950XB series is a highly integrated constant
current LED power switch. The chip adopts a
quasi-resonant working mode and does not require
auxiliary winding detection and demagnetization.
At the same time, it integrates a high-voltage 500V
power MOSFET and a high-voltage self-powered circuit,
which simplifies the system design and production cost.
The chip integrates high-precision inductor current
sampling technology to obtain high-precision constant
current output, and the output line voltage and load
regulation rate are excellent.
DP950XB integrates complete protection functions to
ensure safe and reliable operation of the system,
such as: VDD undervoltage lockout (UVLO),
cycle-by-cycle current limiting (OCP),
overtemperature protection (OTP),
output overvoltage protection (OVP),
CS setting resistor short-circuit protection,
LED open-circuit and short-circuit protection, etc.


Similar Part No. - DP9501AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP9 ETC2-DP9 Datasheet
166Kb / 1P
Use recommendations for machines
logo
SYC Electronica
DP9-25C-2 SYC-DP9-25C-2 Datasheet
113Kb / 1P
TAPA PLASTICA DOBLE 9/25 VIAS
logo
List of Unclassifed Man...
DP90 ETC2-DP90 Datasheet
166Kb / 1P
Use recommendations for machines
DP904C ETC-DP904C Datasheet
100Kb / 2P
Switching power supply control circuit
logo
JILIN SINO-MICROELECTRO...
DP90C160 JSMC-DP90C160 Datasheet
485Kb / 4P
High Voltage Rectifier Diode
202308C
More results

Similar Description - DP9501AB

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM70XX FUMAN-FM70XX Datasheet
178Kb / 9P
Non-isolated step-down LED driver IC
FM8201 FUMAN-FM8201 Datasheet
362Kb / 8P
Non-isolated step-down LED driver IC
FM8301 FUMAN-FM8301 Datasheet
412Kb / 9P
Non-isolated step-down LED driver IC
FM8601 FUMAN-FM8601 Datasheet
339Kb / 7P
Non-isolated step-down LED driver IC
TC6834 FUMAN-TC6834 Datasheet
987Kb / 10P
Non-isolated step-down LED constant current controller
TC6834ES FUMAN-TC6834ES Datasheet
909Kb / 10P
Non-isolated step-down LED constant current controller
logo
Shenzhen Huazhimei Semi...
HM7150 HMSEMI-HM7150 Datasheet
598Kb / 7P
Non-isolated step-down LED constant current driver
HM2931A HMSEMI-HM2931A Datasheet
661Kb / 9P
High-precision non-isolated step-down switch
logo
Shenzhen Developer Micr...
DP9128 DEPUW-DP9128 Datasheet
1Mb / 9P
Step-down, quasi-resonant LED driver switch
Rev.1.1
logo
CHIPLINK SEMICONDUCTOR
CL1503S CHIPLINK-CL1503S Datasheet
341Kb / 9P
Non-isolated step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com