Electronic Components Datasheet Search
  English  ▼

X  

NSB8JT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # NSB8JT
Description  Plastic Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NSB8JT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  NSB8JT Datasheet HTML 1Page - Inchange Semiconductor Company Limited NSB8JT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic Rectifier Diode
NSB8JT
www.iscsemi.com
1
FEATURES
· Glass Passivated Pellet Chip Junction
· Low Forward Voltage Drop
· High Forward Surge Capability
APPLICATIONS
· For Use in General Purpose Rectification
of Power Supplies,Inverters,
Converters and Freewheeling Diodes Application
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VR
Peak Repetitive Reverse Voltage
DC Blocking Voltage
600
V
VRMS
Maximum RMS Voltage
420
V
IF(AV)
Maximum Average Forward Rectified Current at TC = 100℃
8
A
IFSM
Peak Forward Surge Current 8.3 ms Single
Sine-wave Superimposed on Rated Load
125
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W


Similar Part No. - NSB8JT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NSB8JT GE-NSB8JT Datasheet
84Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSB8JT VISHAY-NSB8JT Datasheet
41Kb / 3P
Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NSB8JT VISHAY-NSB8JT Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
20-Jan-14
NSB8JT-E3-45 VISHAY-NSB8JT-E3-45 Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
More results

Similar Description - NSB8JT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
logo
Green Power Solutions s...
GEDG1080 GPSEMI-GEDG1080_17 Datasheet
242Kb / 2P
RECTIFIER DIODE, Plastic housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com