Electronic Components Datasheet Search
  English  ▼

X  

320 Datasheet(PDF) 2 Page - Semikron International

Part # 320
Description  Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

320 Datasheet(HTML) 2 Page - Semikron International

  320 Datasheet HTML 1Page - Semikron International 320 Datasheet HTML 2Page - Semikron International 320 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1L Power dissipation vs. forward current
Fig. 1R Power dissipation vs. ambient temperature
Fig. 2 Forward current vs. case temperature
Fig. 4 Transient thermal impedance vs. time
Fig. 5 Forward characteristics
Fig. 6 Surge overload current vs. time
RECTIFIER,DIODE,THYRISTOR,MODULE
2
05-04-2004 SCT
© by SEMIKRON



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com