Electronic Components Datasheet Search
  English  ▼

X  

S80SRJS1 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # S80SRJS1
Description  S80 Thermocouple Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S80SRJS1 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  S80SRJS1 Datasheet HTML 1Page - Ashcroft, Inc. S80SRJS1 Datasheet HTML 2Page - Ashcroft, Inc. S80SRJS1 Datasheet HTML 3Page - Ashcroft, Inc. S80SRJS1 Datasheet HTML 4Page - Ashcroft, Inc. S80SRJS1 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thermocouple Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
SPECIFICATIONS
Insert Stem Diameter:
1
∕8, 3∕16, 1∕4, 3 mm, 4.5 mm, 6 mm, 8 mm
Stem Length:
Minimum: 50 mm/2 in
Maximum: 3 m/120 in
Sensor Type & Range
Thermocouples
Type J -40 to 750 °C
Type E -200 to 800 °C
Type K -200 to 1000 °C
Type N -200 to 1000 °C
Type T -250 to 350 °C
Wiring Configuration:
Thermocouples
Single or Dual
KEY BENEFITS
• Flexible designs for critical applications
• Fast response times
DESCRIPTION
These probes are supplied as either single or dual sensors. The
sensor(s) is (are) housed inside a flexible metal sheath. With or
without extension lead wire, process connection on request. If
fitted, the extension lead wire (with or without protective spring
and/or electromagnetic shielding) can be provided with PVC,
silicone, PTFE or fiberglass insulation. The soldering between
the extension lead wire and the sheathed cable is enclosed in a
sealed transition.
TYPICAL USES
Industrial probes for chemical, petrochemical and
power plants
For a wide range of process applications—vapors,
gases, liquids and non-abrasive substances—provided
that these are compatible with the sheath material
Flexible configurations, heavy duty MgO
Special designs for intrinsically safe and
non-incendive applications
Available with remote heads and flex armor
(1) Absolute temperature in °C
S80 Thermocouple Options
Probe with extension
lead wire
Connector
Compression Fitting
Protection Spring on lead wire
Round Pin
OPTIONAL APPROVALS
FM Intrinsically safe:
Class I, Division 1, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
FM Nonincedive:
Class I, Division 2, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga -50 °C to 60 °C
II 2 G Ex ib IIC T6 Gb -50 °C to 60 °C
II 2 G Ex e IIC T6 Gb -55 °C to 60 °C
Thermocouples (IEC 60584-2)
Type J
Type K
Type E
Type N
Type T
Class 1
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±0.5 °C or
±0.0040*|t|(1)
Class 2
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
Class 3
N/A
±2.5 °C or
±0.0040*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
±1.0 °C or
±0.0150*|t|(1)
Thermocouples (ANSI MC 96.1)
Type J
Type K
Type E
Type N
Type T
Standard
±2.2 °C or
±0.0075*|t|(1)
±2.2 °C or
±0.0075*|t|(1)
±1.7 °C or
±0.0050*|t|(1)
±2.2 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
Special
±1.1 °C or
±0.0040*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
±0.5 °C or
±0.0040*|t|(1)
S80 Thermocouple Temperature Probes
of 5
1
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S80_RTD_ds_RevC_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us


Similar Part No. - S80SRJS1

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
S80S DAESAN-S80S Datasheet
163Kb / 2P
CURRENT 0.8 AMPERES VOLTAGE 100 TO 1000 VOLTS
More results

Similar Description - S80SRJS1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
ITTUP100A CYNERGY3-ITTUP100A Datasheet
112Kb / 1P
Programmable Temperature Probes - 1/4 NPT -Thermocouple and PT100 Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com