Electronic Components Datasheet Search
  English  ▼

X  

S50331DB Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # S50331DB
Description  S50 Industrial RTDs & Thermocouples with NPT Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S50331DB Datasheet(HTML) 2 Page - Ashcroft, Inc.

  S50331DB Datasheet HTML 1Page - Ashcroft, Inc. S50331DB Datasheet HTML 2Page - Ashcroft, Inc. S50331DB Datasheet HTML 3Page - Ashcroft, Inc. S50331DB Datasheet HTML 4Page - Ashcroft, Inc. S50331DB Datasheet HTML 5Page - Ashcroft, Inc. S50331DB Datasheet HTML 6Page - Ashcroft, Inc. S50331DB Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTIONAL APPROVALS
FM Explosion Proof:
Class I, Division 1, Groups A, B, C, D
T4 for -40 °C ≤ Ta ≤ 80 °C
T6 for -40 °C ≤ Ta ≤ 60 °C
FM Intrinsically Safe:
Class I, Division 1, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
FM Non-Incendive:
Class I, Division 2, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga -50 °C to 60 °C
II 2 G Ex ib IIC T6 Gb -50 °C to 60 °C
II 2 G Ex e IIC T6 Gb -55 °C to 60 °C
II 2 G Ex d IIC T6 Gb -55 °C to 60 °C
BUZH-AL
Type E
BUZH-AL
Type D
DIN B
Type B
SCCA-AL
Type N
SCCI-Stainless Steel
Type G
Type F Ex d-AL
Type S Ex d-Stainless Steel
PR 7501 with display
Type P
E&H Display Housing
Type H
Polypropylene
Type A
Cast Iron
Type Y
OPTIONAL S50 HEADS
of 7
2
Data Sheet
S50 Industrial RTDs & Thermocouples
with NPT Connections
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S50_RTD_ds_RevD_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com