Electronic Components Datasheet Search
  English  ▼

X  

S50331AD Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S50331AD
Description  S50 Industrial RTDs & Thermocouples with NPT Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S50331AD Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S50331AD Datasheet HTML 1Page - Ashcroft, Inc. S50331AD Datasheet HTML 2Page - Ashcroft, Inc. S50331AD Datasheet HTML 3Page - Ashcroft, Inc. S50331AD Datasheet HTML 4Page - Ashcroft, Inc. S50331AD Datasheet HTML 5Page - Ashcroft, Inc. S50331AD Datasheet HTML 6Page - Ashcroft, Inc. S50331AD Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S50 RDT ORDERING CODE Example: (Cont'd)
-
X
N-H9 R3 -
- 3P
T
N=60
LN=400
Head Conduit Gland
- - Without
-
P - Polyamide PA, for unarmored cable
L - Nickel plated brass, for unarmored cable
M - Nickel plated brass, single seal for braided cable
N - Nickel plated brass, double seal for braided cable
S - Stainless steel, for unarmored cable
T - Stainless steel, single seal for braided cable
U - Stainless steel, double seal for braided cable
Inset Nominal Length
X - LN=_(min=50, max=100000). Add actual nominal length
in mm at end of ordering code LN=??
X
Lag Extension and Length
Lag length (add actual length N=?? At the end of code in mm)
For DIN Mounting Plate
0--- - Without lag extension, without plug
0-4- - Without lag extension, with plug lag length (add actual length N=?? At the end of code in mm)
B-H6 - Nipple AISI 316, N=40
M-H7 - Nipple AISI 316, N=100 (4˝)
N-H9 - Nipple AISI 316, N= non std
N-H9
U-J7 - Nipple-Union-Nipple AISI 316, N=120
N-J9 - Nipple-Union-Nipple AISI 316, N= not std
For Spring-loaded Mounting (N/A with FM approval)
N-S1 - Spring-loaded Nipple AISI 316
M-S4 - Spring-loaded Nipple-Union-Nipple 4˝ AISI 316, N=100
R-S6 - Spring-loaded Nipple-Union-Nipple 6˝ AISI 316, N=153
N-S9 - Spring-loaded Nipple-Union-Nipple AISI 316, N= not std
Process Connection
R3 - Thread 1/2 NPT
R3
C3 - Compression fitting 1/2 NPT, AISI 316
A3 - Compression fitting G, AISI 316 (N/A with FM approval)
-- - Without connection
Electrical Connection
For DIN Mounting Plate
- - With DIN terminal block
-
1 - With transmitter
3 - Without terminal block, with flying leads
For Spring-loaded Mounting (N/A with FM approval)
B - With terminal block
T - With transmitter
F - Without terminal block, with flying leads
Certifications
- - None required
-
F - FM
A - ATEX
X - IECEx
S - SIL 2 + ATEX
I - INMETRO
D - ATEX + IECEX
2 - SIL 2
P - EAC (Gost R) + Metrological Russia
Calibration Report
-- - Without
3P - 3 points single
3P
5P - 5 points single
3D - 3 points dual
5D - 5 points dual
Tagging
- - Without
T - Label in stainless steel with tag
T
Consult factory for additional configurations.
Nominal
length in
mm
Lag
length in
mm
mm = inches x 25.4
of 7
4
Data Sheet
S50 Industrial RTDs & Thermocouples
with NPT Connections
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S50_RTD_ds_RevD_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us
S50 Industrial RTDs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com