Electronic Components Datasheet Search
  English  ▼

X  

LM237 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM237
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM237 Datasheet(HTML) 2 Page - Texas Instruments

  LM237 Datasheet HTML 1Page - Texas Instruments LM237 Datasheet HTML 2Page - Texas Instruments LM237 Datasheet HTML 3Page - Texas Instruments LM237 Datasheet HTML 4Page - Texas Instruments LM237 Datasheet HTML 5Page - Texas Instruments LM237 Datasheet HTML 6Page - Texas Instruments LM237 Datasheet HTML 7Page - Texas Instruments LM237 Datasheet HTML 8Page - Texas Instruments LM237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
ADJUSTMENT
OUTPUT
INPUT
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047J – NOVEMBER 1981 – REVISED MAY 2007
SCHEMATIC DIAGRAM
over operating temperature ranges (unless otherwise noted)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
–40
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JC
θ
JA
PowerFLEX (KTE)
High K, JESD 51-5
3
°C/W
23
°C/W
PowerFLEX (KTP)
High K, JESD 51-5
19
°C/W
28
°C/W
TO-220 (KC)
High K, JESD 51-5
3
°C/W
19
°C/W
TO-220 (KCS)
High K, JESD 51-5
3
°C/W
24.8
°C/W
TO-252 (KVU)
High K, JESD 51-5
30.3
°C/W
TO-263 (KTT)
High K, JESD 51-5
18
°C/W
25.3
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com