Electronic Components Datasheet Search
  English  ▼

X  

LM337 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM337
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM337 Datasheet(HTML) 4 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047J – NOVEMBER 1981 – REVISED MAY 2007
T
J = 25°C
LM237, LM337
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
Input regulation(2)
VI – VO = –3 V to –40 V
0.01
0.04
%/V
VO = –10 V, f = 120 Hz
60
Ripple rejection
dB
VO = –10 V, f = 120 Hz, CADJ = 10 µF
66
77
|VO| ≤ 5 V
50
mV
Output regulation
IO = 10 mA to 1.5 A
|VO| ≥ 5 V
0.3
1
%
Output noise voltage
f = 10 Hz to 10 kHz
0.003
%
|VI – VO| ≤ 40 V
2.5
10
Minimum output current to maintain
mA
regulation
|VI – VO| ≤ 10 V
1.5
6
|VI – VO| ≤ 15 V
1.5
2.2
Peak output current
A
|VI – VO| ≤ 40 V
0.15
0.4
ADJUSTMENT current
65
100
µA
Change in ADJUSTMENT current
VI – VO = –2.5 V to –40 V, IO = 10 mA to MAX
2
5
µA
Reference voltage
VI – VO = –3 V to –40 V, IO = 10 mA to 1.5 A,
–1.213
–1.25
–1.287
V
(OUTPUT to ADJUSTMENT)
P
≤ rated dissipation
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IO = 0.5 A. All characteristics are measured with a
0.1-
µF capacitor across the input and a 1-µF capacitor across the output. Pulse-testing techniques are used to maintain the junction
temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately.
(2)
Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com