Electronic Components Datasheet Search
  English  ▼

X  

2902913 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2902913
Description  TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902913 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  2902913 Datasheet HTML 1Page - PHOENIX CONTACT 2902913 Datasheet HTML 2Page - PHOENIX CONTACT 2902913 Datasheet HTML 3Page - PHOENIX CONTACT 2902913 Datasheet HTML 4Page - PHOENIX CONTACT 2902913 Datasheet HTML 5Page - PHOENIX CONTACT 2902913 Datasheet HTML 6Page - PHOENIX CONTACT 2902913 Datasheet HTML 7Page - PHOENIX CONTACT 2902913 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/2902913
UL Listed
Approval ID: FILE E 330267
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
50 V
1 A
-
-
cUL Listed
Approval ID: FILE E 330267
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
50 V
1 A
-
-
cUL Listed
Approval ID: E199827
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
50 V
1 A
-
-
UL Listed
Approval ID: E199827
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
50 V
1 A
-
-
cULus Listed
cULus Listed
TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
2902913
https://www.phoenixcontact.com/us/products/2902913
Jan 20, 2025, 1:58 AM
Page 6 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com