Electronic Components Datasheet Search
  English  ▼

X  

S10341ADE1 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # S10341ADE1
Description  S10 RTDs & Thermocouples, Metric Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S10341ADE1 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  S10341ADE1 Datasheet HTML 1Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 2Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 3Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 4Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 5Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 6Page - Ashcroft, Inc. S10341ADE1 Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTIONAL APPROVALS
FM Intrinsically safe:
Class I, Division 1, Groups A, B, C, D
T4 for –55°C ≤ Ta ≤ +80°C
T5 for –55°C ≤ Ta ≤ +55°C
T6 for –55°C ≤ Ta ≤ +40°C
FM Nonincedive:
Class I, Division 2, Groups A, B, C, D
T4 for –55°C ≤ Ta ≤ +80°C
T5 for –55°C ≤ Ta ≤ +55°C
T6 for –55°C ≤ Ta ≤ +40°C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga –50°C to +60°C
II 2 G Ex ib IIC T6 Gb –50°C to +60°C
II 2 G Ex e IIC T6 Gb –55°C to +60°C
Optional S10 Heads
BUZH-AL
Type E
BUZ-AL
Type D
DIN B
Type B
BBK-PA
Type C
Data Sheet
S10 RTD's & Thermocouples, Metric Connections
of 7
2
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com