Electronic Components Datasheet Search
  English  ▼

X  

CD61 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CD61
Description  POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD61 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CD61 Datasheet HTML 1Page - Powerex Power Semiconductors CD61 Datasheet HTML 2Page - Powerex Power Semiconductors CD61 Datasheet HTML 3Page - Powerex Power Semiconductors CD61 Datasheet HTML 4Page - Powerex Power Semiconductors CD61 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
160 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Six-Pulse Bridge Circuit Total Power Dissipation & Maximum Rated Output Current With Sink to Ambient
Resistance of Heatsink as a Parameter.
Total Power Dissipation vs Maximum Rated Output Current
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
50
100
150
200
250
300
350
400
450
500
Maximum Bridge Output Current (A)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
Powerex
CD61--16 Pow-R-Blok 6-Pulse Bridge
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
10
30
50
70
90
110
130
150
Ambient Temperature (C)
0.30
0.20
0.15
0.12
0.10
0.08
0.06
0.05
0.04
0.03
0.025
0.02
Rth S-A (C/W)
0.40
0.50
0.60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com