Electronic Components Datasheet Search
  English  ▼

X  

CD6315A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD6315A
Description  POW-R-BLOK Dual SCR Isolated Module 150 Amperes / Up to 1600 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD6315A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD6315A Datasheet HTML 1Page - Powerex Power Semiconductors CD6315A Datasheet HTML 2Page - Powerex Power Semiconductors CD6315A Datasheet HTML 3Page - Powerex Power Semiconductors CD6315A Datasheet HTML 4Page - Powerex Power Semiconductors CD6315A Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
150 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD63__15A
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1600V, TJ=125°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=125°C
50
mA
Peak On-State Voltage
VTM
ITM=500A
1.54
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.80
1.67
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I = πIT(AV) to ITSM
0.98
1.38
V
mΩ
VTM Coefficients, Full Range
TJ = 125°C, I = 15% x IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.5926
-1.10E-03
1.03E-03
0.0241
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=125°C, Gate Open
1000
V/µs
Turn-On Time (Typical)
ton
ITM = 300A, VD = 2/3 VDRM dIg/dt =1A/µs
3
(Typical)
µs
Turn-Off Time (Typical)
t off
TJ = 125°C, IT= 300A, Rgk = 100Ω
Vr = 50V, -dI/dt=15 A/µs
Re-Applied dV/dt = 20V/µs,
Linear to 2/3 VDRM
50 - 200
(Typical)
µs
Gate Trigger Current
IGT
Tj= -40°C, VD=6V, Ra=1Ω, Resistive Load
Tj= 25°C, VD=6V, Ra=1Ω, Resistive Load
Tj=125°C, VD=6V, Ra=1Ω, Resistive Load
270
150
80
mA
mA
mA
Gate Trigger Voltage
VGT
Tj= -40°C, VD=6V, Ra=1Ω, Resistive Load
Tj= 25°C, VD=6V, Ra=1Ω, Resistive Load
Tj=125°C, VD=6V, Ra=1Ω, Resistive Load
4.0
2.5
1.7
Volts
Volts
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.30
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
10
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.08
0.16
°C/W
°C/W
Thermal Impedance Coefficients
(Per Junction)
ZΘJ-C
Z
QJ-C= K1 (1-exp(-t/τ 1))
+ K2 (1-exp(-t/τ 2))
+ K3 (1-exp(-t/τ 3))
+ K4 (1-exp(-t/τ 4))
K1 =5.45334E-3
K2 =3.8509E+1
K3 = -3.5154E+1
K4 = -3.20
τ 1 =4.511E-5
τ 2 =1.3558E-1
τ 3 =1.3311E-1
τ 4=1.5936E-1
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.05
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com