Electronic Components Datasheet Search
  English  ▼

X  

CDD10810 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CDD10810
Description  Dual Diode POW-R-BLOK??Modules 100 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CDD10810 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CDD10810 Datasheet HTML 1Page - Powerex Power Semiconductors CDD10810 Datasheet HTML 2Page - Powerex Power Semiconductors CDD10810 Datasheet HTML 3Page - Powerex Power Semiconductors CDD10810 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
3.68 Max.
93.5 Max.
B
3.150
80
C
1.181 Max.
30 Max.
D
1.024 Max.
26 Max.
E
0.827
21
F
0.787
20
G
0.689
17.5
H
0.492
12.5
J
0.256
6.5
K
0.256 Dia.
Dia. 6.5
L
M5 Metric
M5
Description:
Powerex Dual Diode
POW-R-BLOK™ Modules are
designed for use in applications
requiring AC to DC rectification in
isolated packaging. The modules
are isolated for easy mounting
with other components on com-
mon heatsinks. POW-R-BLOK™
has been tested and recognized
by Underwriters Laboratories
(QQQX2 Power Switching
Semiconductors).
Features:
Isolated Mounting
Glass Passivated Chips
Metal Baseplate
Low Thermal Impedance
UL Recognized
A
Applications:
Battery Supplies
AC and DC Motor Power
Supplies
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: CDD10810 is an
800 Volt, 100 Ampere Dual Diode
POW-R-BLOK™ Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (x10)
CDD1
08
10
D-111
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual Diode
POW-R-BLOK™ Modules
100 Amperes/800 Volts
CDD10810
Outline Drawing
CDD10810
Dual Diode
POW-R-BLOK™ Modules
100 Amperes/800 Volts
A
F
C
J
E
E
G
D
H
A
B
K - DIA.
(2 TYP.)
L - M5 THD
(3 TYP.)
12
3
2
1
3


Similar Part No. - CDD10810

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CDD11210 POWEREX-CDD11210 Datasheet
72Kb / 4P
Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
CDD11610 POWEREX-CDD11610 Datasheet
72Kb / 4P
Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
logo
List of Unclassifed Man...
CDD120 ETC-CDD120 Datasheet
319Kb / 4P
Diode-Diode Modules
logo
Automatic Timing & Cont...
CDD120ALE1 ATC-CDD120ALE1 Datasheet
183Kb / 1P
Universal DC Current Monitor
CDD120ALE10 ATC-CDD120ALE10 Datasheet
183Kb / 1P
Universal DC Current Monitor
More results

Similar Description - CDD10810

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD410830 POWEREX-CD410830 Datasheet
71Kb / 4P
Dual Diode POW-R-BLOK??Modules 30 Amperes/800 Volts
CD410860 POWEREX-CD410860 Datasheet
71Kb / 4P
Dual Diode POW-R-BLOK??Modules 60 Amperes/800 Volts
CD510825 POWEREX-CD510825 Datasheet
78Kb / 4P
Dual Diode POW-R-BLOK??Modules 250 Amperes/800 Volts
CM420855 POWEREX-CM420855 Datasheet
92Kb / 4P
SCR/Diode POW-R-BLOK??Modules 55 Amperes/800 Volts
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM4308A2 POWEREX-CM4308A2 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 25 Amperes/800 Volts
CM520813 POWEREX-CM520813 Datasheet
94Kb / 4P
SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com