Electronic Components Datasheet Search
  English  ▼

X  

AN331 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AN331
Description  COMPENSATING THE FEEDBACK LOOP FOR THE Si3400 AND Si3401
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN331 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN331 Datasheet HTML 1Page - Silicon Laboratories AN331 Datasheet HTML 2Page - Silicon Laboratories AN331 Datasheet HTML 3Page - Silicon Laboratories AN331 Datasheet HTML 4Page - Silicon Laboratories AN331 Datasheet HTML 5Page - Silicon Laboratories AN331 Datasheet HTML 6Page - Silicon Laboratories AN331 Datasheet HTML 7Page - Silicon Laboratories AN331 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN331
4
Rev. 0.1
A commercially available phase gain meter optimized for power supply analysis is available from Venable Inc. The
Venable meter can be used with an injection transformer from Venable, or an ordinary transformer can be used as
long as it keeps a low ac and dc impedance.
Good results have also been achieved with a Bode 100 phase gain meter from Omicron Labs and using Coilcraft
BU15-7521ROBL common mode choke hooked up as a transformer (input on 1,2 output on 3,4). When terminated
with a 50
Ω resistor on the input side, this transformer gives <100 Ω impedance on the output side from dc to well
over 10 MHz insuring that the transformer itself does not impact the feedback loop.
Other phase gain meters can be used as long as they are capable of operating in the 100 Hz to 40 kHz range of
interest and have a provision for high impedance (1 M
Ω) probes.
The phase-gain meter is used to measure the output voltage response to the input voltage that is stimulated by the
transformer (see Figure 3). The magnitude and phase of the voltage (VSTIM) that the transformer produces is not
critical. It should be large enough that the signals can be measured but not so large that there is distortion. In
practice, a signal level of –20 to –30 dBm (50
Ω reference) has been found to be satisfactory.
The magnitude and phase of the ratio of the output voltage the input voltage is what needs to be measured to
examine loop stability. In general it is good practice to have at least 50 degrees of phase margin when the gain is
unity (zero dB) and 10 dB of gain margin when the phase reaches zero degrees.
Figure 3. Phase and Gain of VOUT with Respect to VIN
Experimental results for the standard isolated and non-isolated reference designs are shown in Figures 4 and 5
(see also AN296).
VIN
VSTIM
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com