Electronic Components Datasheet Search
  English  ▼

X  

TLV320DAC23IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV320DAC23IPWR
Description  Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV320DAC23IPWR Datasheet HTML 9Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 10Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 11Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 12Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 13Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 14Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 15Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 16Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
2−3
2.3.3
Stereo Headphone Output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0-dB full-scale output voltage
1.0
VRMS
Maximum output power, PO
RL = 32 Ω
30
mW
RL = 16 Ω
40
mW
Signal-to-noise ratio, A-weighted (see Note 4)
AVDD = 3.3 V
90
97
dB
Total harmonic distortion
AVDD = 3.3 V,
1 kHz output, into
PO = 10 mW
−60
dB
Total harmonic distortion
DD
1 kHz output, into
32
Ω
PO = 20 mW
−40
dB
Power supply rejection ratio
1 kHz, 100 mVpp
50
dB
Programmable gain
1 kHz output
−73
6
dB
Programmable-gain step size
1
dB
Mute attenuation
1 kHz output
80
dB
NOTES:
3. Ratio of output level with 1-kHz full-scale input, to the output level with the input short circuited, measured A-weighted over a 20-Hz
to 20-kHz bandwidth using an audio analyzer.
4. All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter
results in higher THD + N and lower SNR and dynamic range readings than shown in the electrical characteristics. The low-pass
filter removes out-of-band noise, which, although not audible, may affect dynamic specification values.
5. Ratio of output level with 1-kHz full-scale input, to the output level with all zeros into the digital input, measured A-weighted over
a 20-Hz to 20-kHz bandwidth.
2.3.4
Analog Reference Levels
PARAMETER
MIN
TYP
MAX
UNIT
Reference voltage, VMID
AVDD/2 − 50 mV
AVDD/2 + 50 mV
V
Divider resistance, RVMID
40
50
60
k
Ω
2.3.5
Digital I/O
PARAMETER
MIN
TYP
MAX
UNIT
VIL
Input low level
0.3
× BVDD
V
VIH
Input high level
0.7
× BVDD
V
VOL
Output low level
0.1
× BVDD
V
VOH
Output high level
0.9
× BVDD
V
2.3.6
Supply Current
PARAMETER
MIN
TYP
MAX
UNIT
Line playback only (Clk power off, 50
Ω)
6
8
Total supply current, no input signal
Line playback only (Clk power on, 50
Ω)
15
ITOT
Total supply current, no input signal
(3.3 V supply)
Analog bypass (line in to line out)
3
mA
ITOT
(3.3 V supply)
Power down
Oscillator enabled
1.5
mA
Power down
Oscillator disabled
0.01
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com