Electronic Components Datasheet Search
  English  ▼

X  

PI49FCT20807 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT20807
Description  1-10 Clock Buffer for Networking Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20807 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT20807 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20807 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20807 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20807 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20807 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20807 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8558B
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20807
1-10 Clock Buffer for
NetworkingApplications
Storage Temperature ...................................................... –65°Cto+150°C
VDDVoltage ...................................................................... –0.5Vto+3.6V
Input/Output Voltage(4) ....................................................... –0.5VtoVDD+0.5V
DC Output Current ....................................................... –60mA to +60mA
Power Dissipation ........................................................................ 500mW
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 2.5V, +25°C ambient and maximum loading.
3. VOH = VDD – 0.6V at rated current.
4. This value is limited to 3.6V maximum.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I)
s
n
i
P
t
u
p
n
I
(
l
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G7
.
1—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I)
s
n
i
P
t
u
p
n
I
(
l
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G—
7
.
0
II
t
n
e
r
r
u
C
t
u
p
n
IV D
D
V
,.
x
a
M
=
N
I
V
=
D
D
D
N
G
r
oV N
I
V
=
D
D
——
1
±mA
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV D
D
I
,.
n
i
M
=
N
I
A
m
8
1
–
=—
7
.
0
–1
–
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
OV D
D
V
,.
n
i
M
=
N
I
V
=
H
I
V
r
o
L
I
I H
O
A
m
1
–
=2
—
—
I H
O
A
m
8
–
=8
.
1
)
3
(
—
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OV D
D
V
,.
n
i
M
=
N
I
V
=
H
I
V
r
o
L
I
I L
O
A
m
1
=—
—
4
.
0
I L
O
A
m
8
=—
6
.
0
DC Electrical Characteristics (Over the Operating Range)
Operating Range
VINVoltage ......................................................................... –0.3Vto3.6V
VDDVoltage ........................................................................... 2.5V±0.2V
Industrial Temperature .................................................... –40°C to +85°C
Input Frequency ............................................................. DC to 150 MHz
Capacitive Loading ............................................................. 10pF to 25pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VDD = 2.5V, +25°C ambient.
3. Per TTL driven input (VIN = VDD – 0.6V); all other inputs at VDD or GND.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I Q
D
D
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
V D
D
.
x
a
M
=V N
I
V
r
o
D
N
G
=
D
D
—1
.
00
2
A
µ
∆I D
D
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
s
t
u
p
n
I
V D
D
.
x
a
M
=V N
I
V
=
D
D
V
6
.
0
–
)
3
(
—7
40
0
3
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
c
i
m
a
n
y
D
)
1
h
p
a
r
G
e
e
S
(
V D
D
&
F
p
5
1
,
V
7
.
2
=
d
a
o
l
m
h
o
-
3
3
z
H
M
0
5
1—
6
3
1—
A
m
PowerSupplyCharacteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com