Electronic Components Datasheet Search
  English  ▼

X  

2N4449 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N4449
Description  Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4449 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N4449 Datasheet HTML 1Page - Semicoa Semiconductor 2N4449 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4449
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N4449J)
• JANTX level (2N4449JX)
• JANTXV level (2N4449JV)
• JANS level (2N4449JS)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV and JANS
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• High-speed switching transistor
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-46 metal can
• Also available in chip configuration
• Chip geometry 0005
• Reference document:
MIL-PRF-19500/317
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV and JANS
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
15
Volts
Collector-Base Voltage
VCBO
40
Volts
Emitter-Base Voltage
VEBO
4.5
Volts
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
0.36
2.06
mW
mW/
°C
Thermal Resistance
RθJA
325
°C/W
Operating Junction Temperature
TJ
-65 to +200
°C
Storage Temperature
TSTG
-65 to +200
°C
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. J
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com


Similar Part No. - 2N4449

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4449 SEMICOA-2N4449 Datasheet
30Kb / 1P
Chip Type 2C2369A Geometry 0005 Polarity NPN
logo
Microsemi Corporation
2N4449 MICROSEMI-2N4449 Datasheet
66Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
logo
Central Semiconductor C...
2N4449 CENTRAL-2N4449 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N4449 MICROSEMI-2N4449 Datasheet
54Kb / 2P
NPN SILICON TRANSISTOR
2N4449 MICROSEMI-2N4449 Datasheet
54Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N4449

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com