Electronic Components Datasheet Search
  English  ▼

X  

2N5002 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N5002
Description  Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5002 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N5002 Datasheet HTML 1Page - Semicoa Semiconductor 2N5002 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. C
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N5002
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 100 mA
80
Volts
Collector-Emitter Cutoff Current
ICEO
VCE = 40 Volts
50
µA
Collector-Emitter Cutoff Current
ICEX
VCE = 60 Volts, VEB = 2 Volts,
TA = 150°C
500
µA
Collector-Emitter Cutoff Current
ICES1
ICES2
VCE = 60 Volts
VCE = 100 Volts
1
1
µA
mA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 4 Volts
VEB = 5.5 Volts
1
1
mA
Thermal Impedance
θJC
10
°C/W
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
IC = 50 mA, VCE = 5 Volts
IC = 2.5 A, VCE = 5 Volts
IC = 5 A, VCE = 5 Volts
IC = 2.5 A, VCE = 5 Volts
TA = -55°C
20
30
20
15
90
Base-Emitter Voltage
VBE
VCE = 5 Volts, IC = 2.5 A
1.45
Volts
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 2.5 A, IB = 250 mA
IC = 5 A, IB = 500 mA
1.45
2.20
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 2.5 A, IB = 250 mA
IC = 5 A, IB = 500 mA
0.75
1.50
Volts
Small Signal Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 5 Volts, IC = 500 mA,
f = 10 MHz
6
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 5 Volts, IC = 100 mA,
f = 1 kHz
20
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
250
pF
Switching Characteristics
Saturated Turn-On Time
Rise Time
Fall Time
Saturated Turn-Off Time
tON
tr
tf
tOFF
IC = 5 A, IB1=IB2 = 500 mA,
VBE = 3.7 Volts, RL = 6 Ω
0.5
1.4
0.5
1.5
µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com