Electronic Components Datasheet Search
  English  ▼

X  

TPSMCJ Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPSMCJ
Description  1500W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPSMCJ Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPSMCJ Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPSMCJ Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPSMCJ Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPSMCJ Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPSMCJ Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPSMCJ Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - TPSMCJ

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMCJ ANOVA-TPSMCJ Datasheet
395Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMCJ LUGUANG-TPSMCJ Datasheet
792Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Anova Technologies CO.,...
TPSMCJ10A ANOVA-TPSMCJ10A Datasheet
395Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMCJ10A LUGUANG-TPSMCJ10A Datasheet
792Kb / 3P
Surface Mount Transient Voltage Suppressors
More results

Similar Description - TPSMCJ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
15KE WTE-15KE Datasheet
65Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
1500W Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMC UNSEMI-TPSMC Datasheet
2Mb / 6P
12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMCJ-AT UNSEMI-SMCJ-AT Datasheet
2Mb / 6P
1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com