Electronic Components Datasheet Search
  English  ▼

X  

TPSMF Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPSMF
Description  200W Surface Mount Transient Voltage Suppressors |
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPSMF Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPSMF Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPSMF Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPSMF Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPSMF Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPSMF Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPSMF Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - TPSMF

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSMF05CT1G TECHPUBLIC-TPSMF05CT1G Datasheet
1Mb / 4P
5-Line TVS Array
logo
Littelfuse
TPSMF4L LITTELFUSE-TPSMF4L Datasheet
2Mb / 6P
The TPSMF4L series of SOD-123FL small and flat lead low-profile plastic package is designed specifically to protect sensitive electronic equipment from voltage
logo
TECH PUBLIC Electronics...
TPSMF4L TECHPUBLIC-TPSMF4L Datasheet
1Mb / 4P
Power Transient Voltage Suppressor
logo
Littelfuse
TPSMF4L10A LITTELFUSE-TPSMF4L10A Datasheet
2Mb / 6P
The TPSMF4L series of SOD-123FL small and flat lead low-profile plastic package is designed specifically to protect sensitive electronic equipment from voltage
logo
TECH PUBLIC Electronics...
TPSMF4L10A TECHPUBLIC-TPSMF4L10A Datasheet
1Mb / 4P
Power Transient Voltage Suppressor
More results

Similar Description - TPSMF

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMF UNSEMI-SMF Datasheet
3Mb / 7P
3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMF28A UNSEMI-SMF28A Datasheet
2Mb / 4P
200W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMF3.3A UNSEMI-SMF3.3A Datasheet
2Mb / 4P
200W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMF51A UNSEMI-SMF51A Datasheet
2Mb / 4P
200W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com