Electronic Components Datasheet Search
  English  ▼

X  

T461TS Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # T461TS
Description  T4/T7 Series NEMA 4X, 7/9 Temperature Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

T461TS Datasheet(HTML) 2 Page - Ashcroft, Inc.

  T461TS Datasheet HTML 1Page - Ashcroft, Inc. T461TS Datasheet HTML 2Page - Ashcroft, Inc. T461TS Datasheet HTML 3Page - Ashcroft, Inc. T461TS Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard
terms and conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. t4-t7_switch_ds_RevI_10-18-23
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
T4
20
T05
027
XNH
75/205F
Enclosure
T4 - Watertight enclosure meets NEMA 3, 4, 4X, 13 and
IP66 requirements
T4
T7 - Explosion-proof enclosure NEMA 3, 4, 7 & 9, IP66
Switch Elements, UL/CSA Listed (1 SPDT)
20 - Narrow deadband ac, 15A, 125/250 Vac
20
21 - Ammonia service, 5A, 125/250 Vac
22 - Hermetically sealed, narrow deadband, 5A, 125/250 Vac
23 - Heavy duty ac, 22A, 125/250 Vac
24 - General purpose, 15A, 125/250/480 Vac
25 - Heavy duty dc, 10A, 125 Vac or dc, 1⁄8 HP, 125 Vac or dc
26 - Sealed environment proof, 15A, 125/250 Vac
27 - High temerature 300 °F, 15A, 125/250 Vac
28 - Manual reset trip on increasing, 15A, 125/250 Vac
29 - Manual reset trip on decreasing, 15A, 125/250 Vac
31 - Low level (gold) contacts, 15A, 125 Vac
32 - Hermetically sealed switch, general purpose, 11A, 125/250 Vac 5A, 30 Vdc
42 - Hermetically sealed switch, gold contacts, 1A, 125 Vac
50 - Variable dead band, 15A, 125/250 Vac
UL/CSA Listed Dual (2 SPDT acting as DPDT)
61 - Dual narrow deadband, 15A, 125/250 Vac
62 - Dual sealed environment proof, 15A, 125/250 Vac
63 - Dual high temp. 300 °F, 15A, 125/250 Vac
64 - Dual general purpose, 15A, 125/250/480 Vac, ½A, 125 Vdc, 1/4A, 250 Vdc
65 - Dual ammonia service, 5A, 125/250 Vac
67 - Dual hermetically sealed switch, narrow dead band, 5A, 125/250 Vac
68 - Dual hermetically sealed switch, general purpose, 11A, 125/250 Vac, 5A, 30 Vdc
70 - Dual low level gold contacts, 1A, 125/250 Vac
71 - Dual hermetically sealed switch gold contacts, 1A, 125/250 Vac
Thermal System Selection
Direct Mount
TS - Rigid
Remote Mount
T05 - 5´
T05
T10 - 10´
T15 - 15´
T20 - 20´
T25 - 25´
Bulb Length Selection
Direct Mount Length
“S” Dimension
Thermowell “U” Dimension (ordered separately)
027 -
23/4˝
NA
027
040 -
4˝
2½˝
060 -
6˝
4½˝
090 -
9˝
7½˝
120 -
12˝
10½˝
Remote Mount Bulb Length (Consult factory for custom or longer stem lengths)
030 -
3˝
2½˝
Options (If choosing an option(s) must include an “X”) (for more options, see table 1 on page 3)
X__
NH - Tagging Stainless steel
NH
Temperature Ranges (for all ranges, see table 2 on page 3)
75/205 °F
75/205F
T4/T7 Series NEMA 4X, 7/9 Temperature Switches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com