Electronic Components Datasheet Search
  English  ▼

X  

GMP.MP.140.DN Datasheet(PDF) 2 Page - LEMO Connectors

Part # GMP.MP.140.DN
Description  M - Rugged Ratchet coupling
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

GMP.MP.140.DN Datasheet(HTML) 2 Page - LEMO Connectors

  GMP.MP.140.DN Datasheet HTML 1Page - LEMO Connectors GMP.MP.140.DN Datasheet HTML 2Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-mp/gmp-mp-140-dn.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Form & Material
Shell style / Model id
GMP - Bend relief for socket, Black
Housing material
TPU (Thermoplastic polyurethane)
Keying
No keying
Colour
Black
Variant
Black
Weight
4.71 g
Environment
Technical domain
Energy and Industrial, Medical, Test and
Measurement
Environmental sealing (IP rating)
No IP rating
Temperature range
-40°C / +80°C
Steam sterilization
non-sterilization version
Cable fixation
Jacket cable outside diameter [mm]
2.00 - 8.00 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com