Electronic Components Datasheet Search
  English  ▼

X  

AM2-1 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # AM2-1
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM2-1 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  AM2-1 Datasheet HTML 1Page - Ashcroft, Inc. AM2-1 Datasheet HTML 2Page - Ashcroft, Inc. AM2-1 Datasheet HTML 3Page - Ashcroft, Inc. AM2-1 Datasheet HTML 4Page - Ashcroft, Inc. AM2-1 Datasheet HTML 5Page - Ashcroft, Inc. AM2-1 Datasheet HTML 6Page - Ashcroft, Inc. AM2-1 Datasheet HTML 7Page - Ashcroft, Inc. AM2-1 Datasheet HTML 8Page - Ashcroft, Inc. AM2-1 Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
Data Sheet
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Low pressure modules ranges from 0.25 in. H
2O
(IWC) to 200 in. H
2O (IWC), accuracy ±0.1% to
±0.06% of span, variable capacitance sensor, for use
with clean dry gas media
Medium/high pressure modules 5 to 10,000 psi,
accuracy ±0.1% to ±0.025% of span, 316 Stainless
steel isolated sensor, for use with media compatible
with 316 Stainless steel
Gauge, absolute, differential and compound
ranges available
Temperature compensated 20 °F to 120 °F
AM2-1
Pressure Module
AM2-2
Pressure Module
AM2-1, AM2-2 Pressure Modules
PRODUCT SPECIFICATIONS:
AM2-1 Low Pressure Modules:
Pressure Types:
Differential and compound
Available Ranges:
Refer to range table
Available Accuracies:
±0.06% of span (0/1-0/200 in. H20)
±0.07% of span (0/0.25-0/0.5 in. H20)
±0.1% of span
Compensated
Temperature Range:
20 °F to 120 °F (-7 °C to 49 °C)
Temperature Effect:
±0.004% of span per °F over compensated range
from reference temperature range of 70 °F (±3 °F)
Repeatability:
±0.01% of span (range 0/1 in. H20 or higher)
±0.02% of span (range below 1.0 in. H20)
Sensitivity:
±0.002% of span (typical)
Under / Overpressure
Capability:
-15 to 50 psi
Maximum Static (line)
Pressure:
100 psi
Process Connection:
1
⁄8 NPT Female (STD.)
Media Compatibility:
Clean, dry, non-conductive, non-corrosive gas
Agency Approvals:
FCC (CFR47), UL61010-1, Not RoHS compliant
PRODUCT SPECIFICATIONS:
AM2-2 Medium High Pressure Modules:
Pressure Types:
Gauge, absolute, compound and vacuum
Available Ranges:
Refer to range table
Available Accuracies:
±0.025%, ±0.05% or ±0.1% of span (10,000 psi
only offered in psig and ±0.1% accuracy)
Compensated
Temperature Range:
20 °F to 120 °F (-7 °C to 49 °C)
Temperature Effect:
Standard: ±0.004% of span per °F over
compensated range from reference temperature
range of 70 °F (±3 °F)
Optional: Enhanced Accuracy Option. No additional
error due to ambient temperature from
20 °F to 120 °F
Sensitivity:
±0.002% of span (typical), ±0.001 of span (max)
Repeatability:
±0.01% of span
Overpressure
Compatibility:
200% for ranges to ≤ 1,000 psi
150% for ranges > 1,000 psi
Process Connection:
1
⁄8 NPT Female (STD.) Optional pressure connec-
tions, 1⁄8 NPT Female NPT with flush-out port,
welded VCR® compatible fitting with standard
finish (5,000 psi max)
Media Compatibility:
Any medium compatible with 316 Stainless steel
isolation; 10,000 psi range only available with
17-4 PH® / 316 Stainless steel
Optional:
Clean to ASME B40-100 Level IV,
(Not marked for oxygen service)
Agency Approvals:
CE/UKCA, FCC (CFR47), UL61010-1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com