Electronic Components Datasheet Search
  English  ▼

X  

A4ADEVV Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # A4ADEVV
Description  A4A Precision Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A4ADEVV Datasheet(HTML) 2 Page - Ashcroft, Inc.

  A4ADEVV Datasheet HTML 1Page - Ashcroft, Inc. A4ADEVV Datasheet HTML 2Page - Ashcroft, Inc. A4ADEVV Datasheet HTML 3Page - Ashcroft, Inc. A4ADEVV Datasheet HTML 4Page - Ashcroft, Inc. A4ADEVV Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ORDERING CODE
Example:
A4AD
L
G
V
200
C
Model Code/Dial Size
A4AD - 6˝ dial
A4AD
A4AE - 81/2˝ dial
A4AF - 12˝ dial
A4AG - 16˝ dial
Process Connection Size/Location
A - 1⁄8 Male NPT back
B - ¼ Male NPT back
C - 1⁄8 Female NPT back
D - ¼ Female NPT back
E - 9⁄16-18 Thread back
F - MS-33656-4 Male back
G - MS-33649-4 Female back
J - 9⁄16-18 UNF3A Male back
K - 1⁄8 Male NPT bottom
L - ¼ Male NPT bottom
L
M - 1⁄8 Female NPT bottom
N - ¼ Female NPT bottom
P - 9⁄16-18 Thread bottom
R - MS-33656-4 Male bottom
S - MS-33649-4 Female bottom
U - 9⁄16-18 UNF3A Male bottom
X - MS-16142 9⁄16-18 Female bottom
Z - MS-16142 9⁄16-18 Female back
Pressure Type
G - Gauge
G
A - Absolute
V - Vacuum
C - Compound
Tube Material
J - Berillium copper (up to 40 psi)
V - 403 Stainless steel (50 psi and greater)
V
Pressure Range
12 - 12 psi
15 - 15 psi
20 - 20 psi
25 - 25 psi
30 - 30 psi
40 - 40 psi
50 - 50 psi
60 - 60 psi
75 - 75 psi
100 - 100 psi
150 - 150 psi
200 - 200 psi
200
250 - 250 psi
300 - 300 psi
400 - 400 psi
500 - 500 psi
600 - 600 psi
750 - 750 psi
1000 - 1,000 psi
1250 - 1,250 psi
1500 - 1,500 psi
2000 - 2,000 psi
2500 - 2,500 psi
3000 - 3,000 psi
4000 - 4,000 psi
5000 - 5,000 psi
6000 - 6,000 psi
7500 - 7,500 psi
10000 - 10,000 psi
15000 - 15,000 psi
20000 - 20,000 psi
25000 - 25,000 psi
30000 - 30,000 psi
40000 - 40,000 psi
50000 - 50,000 psi
60000 - 60,000 psi (available in 8½˝, 12˝ or 16˝)
75000 - 75,000 psi (available in 8½˝, 12˝ or 16˝) (see note 1)
100000 - 100,000 psi (available in 8½˝, 12˝ or 16˝) (see note 1)
Optional Features
C - Slotted link
C
D - Temperature compensated
E - Special calibration
F - Special scale
G - Dual scale
H - Special cleaning for oxygen service
I - 6˝ Peak load indicator
J - 8½˝ Peak load indicator
K - 12˝ Peak load indicator
L - 16˝ Peak load indicator
M - 6˝ Wall mount
N - 8½˝, 12˝or 16˝ Wall mount
P - Cleaned for general gas service
S - Laminated safety glass
W - Special cleaning, O2 clean, do not apply warning labels
NOTE: Product codes are specified in psi based on maximum
capability of the bourdon tube assembly. Full scale pressure
range and units of measure must be specified by special
instructions in addition to the product code. For example 10,000
psi range would be specified and special instructions “Calibrate
0-600 Bar”
NOTE:
1.) Hysteresis may exceed 0.1% of span for ranges of 75,000 psi or
greater. 0.3% is typical, not to exceed 0.4%.
of 5
2
Data Sheet
A4A Precision Pressure Gauge
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. A4A_gauge_ds_RevE_08-17-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com