Electronic Components Datasheet Search
  English  ▼

X  

CD74HC7046AM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC7046AM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD74HC7046AM Datasheet HTML 10Page - Texas Instruments CD74HC7046AM Datasheet HTML 11Page - Texas Instruments CD74HC7046AM Datasheet HTML 12Page - Texas Instruments CD74HC7046AM Datasheet HTML 13Page - Texas Instruments CD74HC7046AM Datasheet HTML 14Page - Texas Instruments CD74HC7046AM Datasheet HTML 15Page - Texas Instruments CD74HC7046AM Datasheet HTML 16Page - Texas Instruments CD74HC7046AM Datasheet HTML 17Page - Texas Instruments CD74HC7046AM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
FIGURE 16. HCT7046A TYPICAL CENTER FREQUENCY vs R1, C1
FIGURE 17. HCT7046A TYPICAL CENTER FREQUENCY vs R1, C1
FIGURE 18. HC7046A TYPICAL VCO FREQUENCY vs VCOIN
FIGURE 19. HC7046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 1.5M
Ω, C1 = 0.1µF)
FIGURE 20. HC7046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 150k
Ω, C1 = 0.1µF)
FIGURE 21. HC7046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 5.6k
Ω, C1 = 0.1µF)
Typical Performance Curves (Continued)
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 4.5V
R1 = 2.2K
R1 = 22K
R1 = 220K
R1 = 2.2M
R1 = 11M
R2 =
∞
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 5.5V
R1 = 3K
R1 = 30K
R1 = 300K
R1 = 3M
R1 = 15M
R2 =
∞
140
120
100
80
60
40
20
01
2
3
4
5
6
VCOIN (V)
C1 = 50pF
R1 = 1.5M
VCC = 3V
VCC = 4.5V
VCC = 6V
R2 =
∞
90
70
60
50
40
30
20
10
01
2
3
4
5
6
VCOIN (V)
C1 = 0.1
µF
R1 = 1.5M
VCC = 3V
VCC = 4.5V
VCC = 6V
80
R2 =
∞
C1 = 0.1
µF
R1 = 150K
R2 =
∞
800
600
500
400
300
200
100
01
2
3
4
5
6
VCOIN (V)
VCC = 3V
VCC = 4.5V
VCC = 6V
700
18
14
12
10
8
6
4
2
01
2
3
4
5
6
VCOIN (V)
C1 = 0.1
µF
R1 = 5.6k
VCC = 3V
VCC = 4.5V
VCC = 6V
16
R2 =
∞
CD74HC7046A, CD74HCT7046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com