Electronic Components Datasheet Search
  English  ▼

X  

CS611216 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CS611216
Description  POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS611216 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CS611216 Datasheet HTML 1Page - Powerex Power Semiconductors CS611216 Datasheet HTML 2Page - Powerex Power Semiconductors CS611216 Datasheet HTML 3Page - Powerex Power Semiconductors CS611216 Datasheet HTML 4Page - Powerex Power Semiconductors CS611216 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
160 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Outline Dimensions
Dimension
Inches
Millimeters
A
3.70
94
B
1.38
35
C
1.18
30
D
3.15
80
E
0.67
17
F
0.91
23
G
0.57
14.5
H
0.35
9
J
M6
M6
K
0.26
6.5
Note: Dimensions are for reference only.
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Dual & Single Diode Isolated
POW-R-BLOK
TM
Module
160 Amperes / Up to 1600 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD611616A is a 1600 Volt,
160 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
CD61
CN61
CC61
CS61
08
12
14
16
16
Description:
Powerex Dual Diode & Single Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T DBC Alumina Insulator
T Glass Passivated Chips
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized (E78240)
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Power Supplies
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Large IGBT Circuit Front Ends
T Welders
A
D
G
C
12
3
B
E
F
F
H
"J" (3 )
F "K" (2)
OUTLINE DRAWING
CONNECTION DIAGRAMS
2
CD61
3
-
1
~
CS61
2
2
CN61
3
1-
1
-


Similar Part No. - CS611216

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CS611216C PAM-CS611216C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CS611216C PAM-CS611216C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CS611216C PAM-CS611216C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CS611216C PAM-CS611216C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

Similar Description - CS611216

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4260A POWEREX-CD4260A Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com