Electronic Components Datasheet Search
  English  ▼

X  

HAT2129H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2129H
Description  Silicon N Channel Power MOS FET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2129H Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2129H Datasheet HTML 1Page - Renesas Technology Corp HAT2129H Datasheet HTML 2Page - Renesas Technology Corp HAT2129H Datasheet HTML 3Page - Renesas Technology Corp HAT2129H Datasheet HTML 4Page - Renesas Technology Corp HAT2129H Datasheet HTML 5Page - Renesas Technology Corp HAT2129H Datasheet HTML 6Page - Renesas Technology Corp HAT2129H Datasheet HTML 7Page - Renesas Technology Corp HAT2129H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2129H
Rev.5.00 Sep 20, 2005 page 3 of 7
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
24
6
8
10
Tc = 75
°C
25
°C
-25
°C
VDS = 10 V
Pulse Test
10 V
7 V
4.2 V
4.8 V
3.8 V
VGS = 4.6 V
Pulse Test
Drain to Source Voltage
VDS
(V)
Maximum Safe Operation Area
100
1
0.1
10
1000
0.01
0.1
1
10
100
Tc = 25
°C
1 shot Pulse
PW
= 10
ms
10 µ
s
100
µs
Operation in
this area is
limited by RDS(on)
DC
Operation
1 ms
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
40
30
20
10
0
50
100
150
200
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
20
10
2
5
1
30
300
1
10
1000
100
3
100
50
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 15 A
5 A
10 A
VGS = 7 V
10 V
Pulse Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com