Electronic Components Datasheet Search
  English  ▼

X  

PS9552L2 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9552L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552L2 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9552L2 Datasheet HTML 3Page - California Eastern Labs PS9552L2 Datasheet HTML 4Page - California Eastern Labs PS9552L2 Datasheet HTML 5Page - California Eastern Labs PS9552L2 Datasheet HTML 6Page - California Eastern Labs PS9552L2 Datasheet HTML 7Page - California Eastern Labs PS9552L2 Datasheet HTML 8Page - California Eastern Labs PS9552L2 Datasheet HTML 9Page - California Eastern Labs PS9552L2 Datasheet HTML 10Page - California Eastern Labs PS9552L2 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet PN10589EJ03V0DS
7
PS9552,PS9552L1,PS9552L2,PS9552L3
ELECTRICAL CHARACTERISTICS (TA = −40 to +100°C, VCC = 15 to 30 V, IF (ON) = 7 to 16 mA,
VF (OFF) = −2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.3
1.65
2.1
V
Input Capacitance
CIN
f = 1 MHz, VF = 0 V, TA = 25°C
60
pF
Detector High Level Output Current
IOH
VO = (VCC − 4 V)
*2
A
0
.
2
5
.
0
VO = (VCC − 15 V)
*3
0
.
2
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
A
0
.
2
5
.
0
VO = (VEE + 15 V)
*3
0
.
2
High Level Output Voltage
VOH
IO = −100 mA
*4
VCC − 3.5 VCC − 2.5 VCC − 1.5
V
Low Level Output Voltage
VOL
IO
V
5
.
0
1
.
0
A
m
0
0
1
=
High Level Supply Current
ICCH
VO = open, IF = 7 to 16 mA
2.0
5.0
mA
Low Level Supply Current
ICCL
VO = open, VF = −2 to +0.8 V
2.0
5.0
mA
UVLO Threshold
VUVLO+
VO > 5 V, IF = 10 mA
11.0
12.3
13.5
V
VUVLO−
0
.
2
1
7
.
0
1
5
.
9
UVLO Hysteresis
UVLOHYS VO > 5 V, IF
V
6
.
1
A
m
0
1
=
Coupled Threshold Input Current
(L → H)
IFLH
IO = 0 mA, VO
A
m
0
.
5
0
.
2
V
5
>
Threshold Input Voltage
(H → L)
VFHL
IO = 0 mA, VO
V
8
.
0
V
5
<
*1
Typical values at TA = 25°C.
*2
Maximum pulse width = 50 μs, Maximum duty cycle = 0.5%.
*3
Maximum pulse width = 10 μs, Maximum duty cycle = 0.2%
*4
VOH is measured with the DC load current in this testing (Maximum pulse width = 2 ms, Maximum duty cycle =
20%).
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com