Electronic Components Datasheet Search
  English  ▼

X  

SN74ALVC04D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC04D
Description  HEX INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC04D Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC04D Datasheet HTML 1Page - Texas Instruments SN74ALVC04D Datasheet HTML 2Page - Texas Instruments SN74ALVC04D Datasheet HTML 3Page - Texas Instruments SN74ALVC04D Datasheet HTML 4Page - Texas Instruments SN74ALVC04D Datasheet HTML 5Page - Texas Instruments SN74ALVC04D Datasheet HTML 6Page - Texas Instruments SN74ALVC04D Datasheet HTML 7Page - Texas Instruments SN74ALVC04D Datasheet HTML 8Page - Texas Instruments SN74ALVC04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
A
Y
SN74ALVC04
HEX INVERTER
SCES117J – JULY 1997 – REVISED JULY 2004
•
Operates From 1.65 V to 3.6 V
•
Max tpd of 2.8 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex inverter contains six independent inverters
designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC04 performs the Boolean function
Y = A.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC04RGYR
VA04
Tube
SN74ALVC04D
SOIC - D
ALVC04
Tape and reel
SN74ALVC04DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC04NSR
ALVC04
Tube
SN74ALVC04PW
TSSOP - PW
VA04
Tape and reel
SN74ALVC04PWR
TVSOP - DGV
Tape and reel
SN74ALVC04DGVR
VA04
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVC04D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC04D TI-SN74ALVC04D Datasheet
109Kb / 7P
HEX INVERTER
SN74ALVC04D TI-SN74ALVC04D Datasheet
340Kb / 11P
HEX INVERTER
SN74ALVC04DGV TI-SN74ALVC04DGV Datasheet
109Kb / 7P
HEX INVERTER
SN74ALVC04DGVR TI-SN74ALVC04DGVR Datasheet
340Kb / 11P
HEX INVERTER
SN74ALVC04DR TI-SN74ALVC04DR Datasheet
340Kb / 11P
HEX INVERTER
More results

Similar Description - SN74ALVC04D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com