Electronic Components Datasheet Search
  English  ▼

X  

SN74HC4066DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC4066DBLE
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4066DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC4066DBLE Datasheet HTML 1Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 2Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 3Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 4Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 5Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 6Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 7Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 8Page - Texas Instruments SN74HC4066DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range
PARAMETER
FROM
TO
TEST
VCC
TA = 25_C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
t
Pti
C50 F
2 V
10
60
75
tPLH,
tPHL
Propagation
delay time
A or B
B or A
CL = 50 pF
(see Figure 4)
4.5 V
4
12
15
ns
tPHL
delay time
(see Figure 4)
6 V
3
10
13
t
Sit h
RL = 1kΩ,
2 V
70
180
225
tPZH,
tPZL
Switch
turn-on time
C
A or B
RL = 1 kΩ,
CL = 50 pF
4.5 V
21
36
45
ns
tPZL
turn-on time
L
(see Figure 5)
6 V
18
31
38
t
Sit h
RL = 1kΩ,
2 V
50
200
250
tPLZ,
tPHZ
Switch
turn-off time
C
A or B
RL = 1 kΩ,
CL = 50 pF
4.5 V
25
40
50
ns
tPHZ
turn-off time
L
(see Figure 5)
6 V
22
34
43
Control
CL = 15 pF,
RL =1kΩ
2 V
15
fI
Control
input
frequency
C
A or B
RL = 1 kΩ,
VC = VCC or GND,
VV
/2
4.5 V
30
MHz
frequency
VO = VCC/2
(see Figure 6)
6 V
30
Control
feed-through
C
AorB
CL = 50 pF,
Rin = RL = 600 Ω,
VC =VCC or GND
4.5 V
15
mV
feed-through
noise
C
A or B
VC = VCC or GND,
fin = 1 MHz
(see Figure 7)
6 V
20
(rms)
operating characteristics, VCC = 4.5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
45
pF
Minimum through bandwidth, A to B or B to A† [20 log (VO/VI)] = –3 dB
CL = 50 pF,
VC = VCC
RL = 600 Ω,
(see Figure 8)
30
MHz
Crosstalk between any switches‡
CL = 10 pF,
fin = 1 MHz
RL = 50 Ω,
(see Figure 9)
45
dB
Feed through, switch off, A to B or B to A‡
CL = 50 pF,
fin = 1 MHz
RL = 600 Ω,
(see Figure 10)
42
dB
Amplitude distortion rate, A to B or B to A
CL = 50 pF,
fin = 1 kHz
RL = 10 kΩ,
(see Figure 11)
0.05%
† Adjust the input amplitude for output = 0 dBm at f = 1 MHz. Input signal must be a sine wave.
‡ Adjust the input amplitude for input = 0 dBm at f = 1 MHz. Input signal must be a sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com