Electronic Components Datasheet Search
  English  ▼

X  

CS611416 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CS611416
Description  POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS611416 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CS611416 Datasheet HTML 1Page - Powerex Power Semiconductors CS611416 Datasheet HTML 2Page - Powerex Power Semiconductors CS611416 Datasheet HTML 3Page - Powerex Power Semiconductors CS611416 Datasheet HTML 4Page - Powerex Power Semiconductors CS611416 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
160 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Maximum On-State Forward Voltage Drop
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Ifm - Amperes
( Tj = 150 °C )
Maximum Transient Thermal Impedance
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.01
0.1
1
10
Time - t - Seconds
(Junction to Case, Per Diode)
0
180
360
CONDUCTION ANGLE
M axim u m Allo w ab le C ase T em p eratu re
120°
90°
60°
30°
180°
100
110
120
130
140
150
0
20
40
60
80
100
120
140
160
180
A verag e O n -S ta te C u rre n t - If(a v) - A m p e res
(Sinusoidal W avefo rm )
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
360°
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Average On-State Current - If(av) - Am peres
(Rectangular Waveform )
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
60°
90°
120°
180°
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
180°
120°
90°
60°
30°
360°
90
100
110
120
130
140
150
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com