Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM355_07 Datasheet HTML 67Page - Texas Instruments TMS320DM355_07 Datasheet HTML 68Page - Texas Instruments TMS320DM355_07 Datasheet HTML 69Page - Texas Instruments TMS320DM355_07 Datasheet HTML 70Page - Texas Instruments TMS320DM355_07 Datasheet HTML 71Page - Texas Instruments TMS320DM355_07 Datasheet HTML 72Page - Texas Instruments TMS320DM355_07 Datasheet HTML 73Page - Texas Instruments TMS320DM355_07 Datasheet HTML 74Page - Texas Instruments TMS320DM355_07 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 158 page
background image
www.ti.com
3.5.4
Peripheral Clocking Considerations
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
3.5.3.2.2 DM355-270 PLL2 (36 MHz reference)
All supported clocking configurations for DM355-270 PLL2 with 36 MHz reference clock are shown in
Table 3-5
Table 3-9. PLL2 Supported Clocking Configurations for DM355-270 (36 MHz reference)
PREDIV
PLLM
POSTDIV
PLL2 VCO
DDR PHY
DDR Clock
(/n programmable)
(m
(/1 fixed)
(MHz)
PLLDIV1
SYSCLK1
DDR_CLK
programmable)
(/1 fixed)
(MHz)
(MHz)
bypass
bypass
bypass
bypass
1
36
18
12
144
1
432
1
432
216
12
138
1
414
1
414
207
12
132
1
396
1
396
198
12
126
1
378
1
378
189
12
120
1
360
1
360
180
12
114
1
342
1
342
171
12
108
1
324
1
324
162
12
102
1
306
1
306
153
12
96
1
288
1
288
144
18
133
1
266
1
266
133
27
150
1
200
1
200
100
27
120
1
160
1
160
80
3.5.4.1 Video Processing Back End Clocking
The Video Processing Back End (VPBE) is a sub-module of the VPSS (Video Processing Subsystem).
The VPBE is designed to interface with a variety of LCDs and an internal DAC module. There are two
asynchronous clock domains in the VPBE: an internal clock domain and an external clock domain. The
internal clock domain is driven by the VPSS clock (PLL1 SYSCLK4). The external clock domain is
configurable; you can select one of five source:
• 24 MHz crystal input at MXI1
• 27 MHz crystal input at MXI2 (optional feature, not typically used)
• PLL1 SYSCLK3
• EXTCLK pin (external VPBE clock input pin)
• PCLK pin (VPFE pixel clock input pin)
See the TMS320DM355 DMSoC Video Processing Back End (VPBE) User's Guide for complete
information on VPBE clocking.
3.5.4.2 USB Clocking
The USB Controller is driven by two clocks: an output clock of PLL1 (SYSCLK2) and an output clock of
the USB PHY.
NOTE
For proper USB 2.0 function, SYSCLK2 must be greater than 60 MHz.
The USB PHY takes an input clock that is configurable by the USB PHY clock source bits (PHYCLKSRC)
in the USB PHY control register (USB_PHY_CTL) in the System Control Module. When a 24 MHz crystal
is used at MXI1/MXO1, set PHYCLKSRC to 0. This will present a 24 MHz clock to the USB PHY. When a
36 MHz crystal is used at MXI1/MXO1, set PHYCLKSRC to 1. This will present a 12 MHz clock (36 MHz
Submit Documentation Feedback
Detailed Device Description
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com