Electronic Components Datasheet Search
  English  ▼

X  

1817 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1817
Description  STANDARD SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1817 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1817 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
STANDARD SERIES
AM-BL1632AN Series
1220
1214
Nominal voltage
V
12
12
18
18
24
24
No load speed
±12%
rpm
19822
13840
26874
17253
19613
16063
No load current
Max150%
mA
85
60
77
49
42
35
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
16809
10528
24516
14233
16854
13135
Rated Current
mA
600
450
420
360
280
250
3.2
2.2
3.1
2.8
3.1
Rated Power
W
5.26
3.56
5.63
4.61
4.91
4.22
Starting current
Stall Torque
mA
3947
1881
4787
2050
1990
1371
20
23
20
31
16
23
Maximum power output
W
11.8
5.6
21.5
9.2
11.9
8.2
Maximum Efficiency
%
73
67
76
71
73
71
Terminal resistance ±12%
Ω
3.04
6.38
3.76
8.78
12.06
17.5
Inductance
(1KHZ)
mH
0
0
0
0
0
0
Mechanical time constant
ms
2.73
2.79
2.76
2.65
2.65
2.58
Moment of inertia
0.3
0.3
0.3
0.3
0.3
0.3
Torque constant
mN.m/A
5.78
8.28
6.40
9.96
11.69
14.27
Speed constant
rpm/V
1652
1153
1493
958
843.5
820.9
Speed/torque gradient
rpm/mN.m
868.6
888.7
877.7
844.7
254.0
232.0
g
32.6
32.6
32.6
32.6
32.6
32.6
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
CC oonnnnee ccttiioonn ((AAW
WG
G 226##))
Total Length: L T=L1+L2+L3
Cable 1:Yellow
Winding A
L1:16GP
L1:19GP
L2:BL16 L3:EN16S L3:EN16T
Cable 2:Red
Winding B
18.8
32.0
10.7
12.0
Cable 3: Blue
Winding C
23.6
PPlluugg ddee ffiinniittiioonn ((AAW
WG
G 228##))
Molex:51021-0500
28.4
Plug 1: Brown
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3 :Yellow
Hall A
Plug 4: Red
Hall B
Plug 5 :Blue
Hall C
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
22.5 K/W
1.5 N
40 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
407 S
6.0 N
3.0 mm
0 (
<2.0N )
-30 to 65ºC
2416
2420
Recommended Gearbox:
Planetary Gearbox:
AM-19GP
AM-20GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BL1632AN Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
1827
1817
3.0
gcm2
mN.m
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage. At elevated ambient
temperatures, load current must be reduced.
Standard rear shaft diameter:
2 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
23.3
27
19.6
15.9
33.2
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1817

ManufacturerPart #DatasheetDescription
logo
Heyco.
1817 HEYCO-1817 Datasheet
173Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1817 ASSUN-1817 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
1817 ASSUN-1817 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 1817

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0110K072 EPCOS-B72650M0110K072 Datasheet
96Kb / 7P
Monolithic; Standard Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
TAJ Series Standard Tantalum
logo
EPCOS
B72210S271K101 EPCOS-B72210S271K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
Leaded varistors, StandarD series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com