Electronic Components Datasheet Search
  English  ▼

X  

1220 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1220
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1220 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1220 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BL2032AE Series
Nominal voltage
V
12
12
18
18
24
24
1225
1220
1822
1819
2419
2415
No load speed
±12%
rpm
24525
19908
22265
18634
19339
14850
No load current Max 150%
mA
200
150
120
100
90
6.0
7.1
6.7
7.0
6.5
6.7
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
22070
16889
19520
15584
16569
11775
mA
1500
1400
1000
880
650
520
W
13.8
12.5
13.7
11.5
11.3
8.3
Rated Current
Rated Power
Starting current
mA
13187
8392
7258
4865
4000
2243
32
45
43
54
47
60
mN.m
Maximum power output
W
38.4
24.3
31.6
21.0
22.9
12.6
%
77
75
76
73
72
68
Maximum Efficiency
Terminal resistance ±12%
Ω
0.91
1.43
2.48
3.7
6.0
0.07
0.19
0.29
0.47
10.7
0.11
0.86
mH
Z
Mechanical time constant
ms
3.0
3.1
3.0
3.1
3.1
3.3
0.69
0.69
0.69
0.69
0.69
0.69
Moment of inertia
gcm2
Torque constant
mN.m/A
4.6
5.7
7.6
9.0
11.6
15.0
rpm/V
2075
1689
1258
1057
824
639
Speed constant
Speed/torque gradient
rpm/mN.m
410.4
427.3
410.8
432.9
427.0
457.1
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:19GP
L1:24GP
L2:BL20 L3:EN16S L3:EN16T
Cable 2: Red
Winding B
18.8
32.0
10.7
12.0
Cable 3: Blue
Winding C
23.6
28.4
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 24#)
Stall torque
Inductance
(1KH )
22.8 K/W
2.5 N
50 N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
552S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-19GP
AM-24GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BL2032AE Combiniation Scheme
For more combination specs, visit Assun Motor website.
70
Download datasheet: https://assunmotor.com/documents-download
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
24.0
34.3
42.8
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1220

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1220 TEC-1220 Datasheet
173Kb / 5P
Gage, Absolute, and Differential
logo
Agilent(Hewlett-Packard...
1220 HP-1220 Datasheet
736Kb / 2P
AGILENT 1220 INFINITY II HPLC SYSTEM FOR CANNABINOID POTENCY TESTING
logo
Heyco.
1220 HEYCO-1220 Datasheet
129Kb / 1P
Original Strain Relief Bushings
logo
Bourns Electronic Solut...
1220 BOURNS-1220 Datasheet
675Kb / 11P
1220 TPMOV Surge Protective Device
Mar 31, 2015
logo
Ashcroft, Inc.
1220 ASHCROFT-1220 Datasheet
751Kb / 4P
1220 General Service Pressure Gauge
RevD_11-08-22
More results

Similar Description - 1220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com