Electronic Components Datasheet Search
  English  ▼

X  

1821 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1821
Description  STANDARD SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1821 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1821 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
STANDARD SERIES
AM-BL1640AN Series
Nominal voltage
V
No load speed
±12%
rpm
No load current
Max150%
mA
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
Rated Current
mA
Rated Power
W
Starting current
mA
mN.m
e
u
q
r
o
t
ll
a
t
S
Maximum power output
W
Maximum Efficiency
Terminal resistance ±12%
Ω
Inductance
(1KH )
Z
mH
Mechanical time constant
ms
Moment of inertia
gcm2
Torque constant
mN.m/A
Speed constant
rpm/V
Speed/torque gradient
rpm/mN.m
Weight
g
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
CC oonnnnee ccttiioonn ((AAW
WG
G 226##))
Total Length: LT=L1+L2+L3
Cable 1:Yellow
Winding A
L1:16GP
L1:19GP
L2:BL16 L3:EN16S L3:EN16T
Cable 2:Red
Winding B
18.8
40.0
10.7
12.0
Cable 3: Blue
Winding C
23.6
PPlluugg ddee ffiinniittiioonn ((AAW
WG
G 228##))
Molex:51021-0500
28.4
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3 :Yellow
Hall A
Plug 4: Red
Hall B
Plug 5 :Blue
Hall C
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
17.9K/W
1.5 N
40 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
439S
6.0 N
3.0 mm
0 (
<2.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BL1640AN Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
%
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Standard rear shaft diameter:
2 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
33.2
23.3
27.0
19.6
15.9
1234
1221
12
12
12
18
18
18
24
24
34200
21000
16400
36300
20900
19400
12600
200
120
80
150
75
60
50
40
4.6
31782
17888
13242
34513
17874
16136
9133
15.5
20000
7407
4858
15385
4945
3103
3200
1348
23
37
32
39
71
33
39
66
58.8
21.5
14.1
67.9
21.6
13.4
18.6
7.6
8.4
10.9
0.6
1.62
2.47
1.17
3.64
5.8
7.5
17.8
0.032
2.2
2.3
2.1
2.2
2.3
2.2
2.3
2.3
0.41
0.41
0.41
0.41
0.41
0.41
0.41
0.41
3.3
5.4
6.9
4.7
8.1
10.4
11.6
17.6
2879
520.7
536.8
499.4
508.2
529.8
509.0
529.6
545.7
1216
1836
1821
1816
2419
2413
5.8
6.3
3.5
5.7
6.2
6.2
6.4
1600
1200
1000
900
780
650
580
400
8.8
12.7
10.7
10.4
6.1
81
76
76
81
77
74
77
69
0.1
0.16
0.017
0.24
0.38
0.49
1.05
1779
1390
2037
1179
915
821
541
42.2
42.1
41.8
42.1
42.2
41.8
41.9
41.8
16160
13027
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1821 ETC2-1821 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
1821 HEYCO-1821 Datasheet
173Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1821 ASSUN-1821 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1821 ASSUN-1821 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
logo
Sensata Technologies, I...
1821 SENSATA-1821 Datasheet
216Kb / 3P
ROTARY MOTION / PRECISION SENSOR
Rev.09/29/17
More results

Similar Description - 1821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0110K072 EPCOS-B72650M0110K072 Datasheet
96Kb / 7P
Monolithic; Standard Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
TAJ Series Standard Tantalum
logo
EPCOS
B72210S271K101 EPCOS-B72210S271K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
Leaded varistors, StandarD series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com