Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2413
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2413 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2413 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
AM-BL1640AE Series
Nominal voltage
V
No load speed
±12%
rpm
No load current Max 150%
mA
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
mA
W
Rated Current
Rated Power
Starting current
mA
mN.m
Maximum power output
W
%
Maximum Efficiency
Terminal resistance ±12%
Ω
mH
Z
Mechanical time constant
ms
Moment of inertia
gcm2
Torque constant
mN.m/A
rpm/V
Speed constant
Speed/torque gradient
rpm/mN.m
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:16GP
Cable 2: Red
Winding B
Cable 3: Blue
Winding C
L1:19GP
L2:BL16
40.0
L3:EN16S
10.7
L3:EN16T
12.0
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 26#)
Stall torque
Inductance
(1KH )
17.9 K/W
1.5 N
40 N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
439 S
6.0 N
3.0 mm
0 (
<2.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
Recommended Encoder:
Encoder S:
AM-EN1611S***
2~3 Channels
Encoder T:
AM-EN1612T***
2~3 Channels
AM-BL1640AE Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor website.
Standard rear shaft diameter:
2 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
12
1234
200
34200
7
2300
22.3
30573
66
20000
8
58.8
2.2
0.032
0.6
3.3
0.41
520.7
2879
42.2
12
1221
120
21000
7.9
1600
13.9
16735
39
7407
1
76
21.5
2.3
0.1
1.62
5.4
0.41
536.8
1779
42.1
12
1216
80
16400
8.7
1350
11
12041
33
4858
76
14.1
2.1
0.16
2.47
6.9
0.41
499.4
1390
41.8
18
1836
150
36300
6.3
1500
21.9
33083
71
15385
81
67.9
2.2
0.017
1.17
4.7
0.41
508.2
2037
42.1
18
1821
75
20900
7.9
1050
13.8
16716
39
4945
77
21.6
2.3
0.24
3.64
8.1
0.41
529.8
1179
42.2
18
1816
60
16160
8.2
850
10.3
11965
32
3103
74
13.4
2.2
0.38
5.8
10.4
0.41
509
915
41.8
24
2419
19400
50
750
12.9
8.1
15089
37
3200
77
18.6
2.3
7.5
0.49
11.6
0.41
529.6
821
41.9
24
12600
1348
23
7.6
17.8
2.3
0.41
17.6
545.7
2413
69
1.05
541
41.8
23.3
27
19.6
15.9
28.4
33.2
23.6
18.8
40
8170
8.1
500
6.9
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2413

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
logo
ASSUN MOTOR Pte Ltd.
2413 ASSUN-2413 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com