Electronic Components Datasheet Search
  English  ▼

X  

1817 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1817
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1817 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1817 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
AM-BL2040AE Series
Nominal voltage
V
12
12
18
18
1220
1216
1820
1817
No load speed
±12%
rpm
20360
16260
19500
17350
No load current Max 150%
mA
190
180
150
140
12.3
13.3
11.7
11.9
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
17399
13404
mA
2400
2100
1500
W
22.4
18.7
20.5
Rated Current
Rated Power
Starting current
mA
15385
11111
9677
7171
68
83
76
84
mN.m
Maximum power output
W
45.0
32.3
42.2
31.0
%
79
76
77
74
Maximum Efficiency
Terminal resistance ±12%
Ω
0.78
1.08
1.86
2.51
0.061
mH
Z
Mechanical time constant
ms
2.9
2.5
2.8
3.0
1.13
1.13
1.13
1.13
Moment of inertia
gcm2
Torque constant
mN.m/A
5.6
6.9
8.7
9.7
rpm/V
1718
1377
1100
983
Speed constant
Speed/torque gradient
rpm/mN.m
241.1
214.5
235.8
254.0
g
66.2
12
1226
26000
350
8.5
23943
2300
21.2
25000
107
72.9
78
0.48
0.04
2.9
1.13
4.3
2197
4242.7
65.9
66.6
65.7
65.4
24
2417
16600
95
12.3
1000
5530
74
32.0
76
4.34
2.7
1.13
13.6
704
225.1
65.9
24
2420
20000
110
12.3
1200
7742
86
45.1
78
3.1
0.097
0.17
0.22
0.42
0.29
2.7
1.13
11.3
845
232.0
65.1
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:16GP
Cable 2: Red
Winding B
18.8
Cable 3: Blue
Winding C
23.6
28.4
L1:19GP
22.2
27.4
32.6
L2:BL16
40.0
L3:EN16S
10.7
L3:EN16T
12.0
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 24#)
Stall torque
Inductance
(1KH )
15 K/W
2.5 N
50 N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
637S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-19GP
AM-24GP
Recommended Encoder:
Encoder S:
AM-EN1611S***
2~3 Channels
Encoder T:
AM-EN1612T***
2~3 Channels
AM-BL2040AE Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor website.
16737
14340
1360
17.8
13836
17.8
22.1
17144
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1817

ManufacturerPart #DatasheetDescription
logo
Heyco.
1817 HEYCO-1817 Datasheet
173Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
1817 ASSUN-1817 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 1817

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com