Electronic Components Datasheet Search
  English  ▼

X  

2421 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2421
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2421 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2421 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BL2051AE Series
Nominal voltage
V
12
12
24
24
36
36
1221
1216
2426
2421
3619
3625
No load speed
±12%
rpm
20604
15670
25800
21400
19297
24781
No load current Max 150%
mA
250
185
155
126
65
14.0
14.5
10.6
12.0
14.8
12.0
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
18392
13350
24181
19418
17221
22910
mA
2800
2200
1360
1260
900
960
W
27.0
20.3
26.9
24.4
26.6
28.7
Rated Current
Rated Power
Starting current
mA
24000
13793
19355
12371
7826
11613
159
137
130
169
98
131
mN.m
Maximum power output
W
70.5
40.3
114.3
72.7
69.3
102.9
%
81
78
83
81
83
83
Maximum Efficiency
Terminal resistance ±12%
Ω
0.5
0.87
1.24
1.94
4.6
0.04
0.1
0.16
0.47
3.1
0.07
0.29
mH
Z
Mechanical time constant
ms
2.4
2.4
2.3
2.5
2.1
2.3
1.43
1.43
1.43
1.43
1.43
1.43
Moment of inertia
gcm2
Torque constant
mN.m/A
5.5
7.2
8.8
20.6
17.7
13.8
rpm/V
1735
1324
1084
901
541
694
Speed constant
Speed/torque gradient
rpm/mN.m
157.6
159.6
152.5
164.9
140.7
156.2
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:19GP
L1:24GP
L2:BL20 L3:EN16S L3:EN16T
Cable 2: Red
Winding B
18.8
51.0
10.7
12.0
Cable 3: Blue
Winding C
23.6
28.4
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 24#)
Stall torque
Inductance
(1KH )
15 K/W
2.5 N
50 N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
720S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-19GP
AM-24GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BL2051AE Combiniation Scheme
For more combination specs, visit Assun Motor website.
90
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
Download datasheet: https://assunmotor.com/documents-download
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
87
87
87
87
87
87
24.0
34.3
42.8
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2421

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2421 YANTEL-2421 Datasheet
89Kb / 2P
Variable RF Inductor
logo
Heyco.
2421 HEYCO-2421 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2421 ASSUN-2421 Datasheet
224Kb / 1P
STANDARD SERIES
2023-A
2421 ASSUN-2421 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
logo
PHOENIX CONTACT
24210100 PHOENIX-24210100 Datasheet
500Kb / 3P
Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY
More results

Similar Description - 2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com