Electronic Components Datasheet Search
  English  ▼

X  

2421 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2421
Description  STANDARD SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2421 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2421 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
STANDARD SERIES
AM-BL2051AN Series
ADDITIONAL INFORMATION
Recommended Gearbox:
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
Download datasheet: https://assunmotor.com/documents-downloada
Nominal voltage
No load speed
±12%
No load current
Max 150%
Recommend
limit for
continuous
operating
Max cont. torque
Rated Speed
Rated Current
Rated Power
Starting current
Stall torque
Maximum power output
Maximum Efficiency
Terminal resistance ±12%
Inductance
(1KH
Z)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/torque gradient
1221
12
20604
250
6.9
19520
1500
14.1
24000
131
70.5
81
0.5
0.04
2.4
1.43
5.5
1735
157.6
1216
12
15670
185
9.5
14156
1500
14.1
13793
98
40.3
78
0.87
0.07
2.4
1.43
7.2
1324
159.6
2426
24
25800
155
3.0
25336
500
8.1
19355
169
114.3
83
1.24
0.1
2.3
1.43
8.8
1084
152.5
2421
24
21400
126
6.6
20309
750
14.1
12371
130
72.7
81
1.94
0.16
2.5
1.43
10.6
901
164.9
3619
36
19297
65
9.8
17917
620
18.4
7826
137
69.3
83
4.6
0.47
2.1
1.43
17.7
541
140.7
3624
36
24781
90
5.6
23899
500
14.1
11613
159
102.9
83
3.1
0.29
2.3
1.43
13.8
694
156.2
V
rpm
mA
mN.m
mA
W
mA
mN.m
W
%
Ω
mH
ms
gcm²
mN.m/A
rpm/V
rpm/mN.m
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
CConnection (AWG 24#)
Total Length: L T=L1+L2+L3
Cable 1:Yellow
Winding A
L1:19GP
L1:24GP
L2:BL20 L3:EN16S L3:EN16T
Cable 2:Red
Winding B
51.0
10.7
12.0
Cable 3: Blue
Winding C
PPlug definition (AWG 28#)
Molex:51021-0500
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3 :Yellow
Hall A
Plug 4: Red
Hall B
Plug 5 :Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage. At elevated ambient
temperatures, load current must be reduced.
Motor Model
Brushless Motor
Ball Bearings
15 K/W
2.5 N
50 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
720 S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Planetary Gearbox:
AM-19GP
AM-24GP
AM-BL2051AN Combiniation Scheme
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
18.8
24
23.6
34.3
28.4
42.8
33.2
51.3
rpm
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
87
87
87
87
87
87


Similar Part No. - 2421

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2421 YANTEL-2421 Datasheet
89Kb / 2P
Variable RF Inductor
logo
Heyco.
2421 HEYCO-2421 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2421 ASSUN-2421 Datasheet
282Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2421 ASSUN-2421 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
logo
PHOENIX CONTACT
24210100 PHOENIX-24210100 Datasheet
500Kb / 3P
Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY
More results

Similar Description - 2421

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0110K072 EPCOS-B72650M0110K072 Datasheet
96Kb / 7P
Monolithic; Standard Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
TAJ Series Standard Tantalum
logo
EPCOS
B72210S271K101 EPCOS-B72210S271K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
Leaded varistors, StandarD series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com