Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1213
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1213 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1213 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
AM-BL2453AE Series
Nominal voltage
V
12
18
18
24
1210
1829
1813
2414
No load speed
±12%
rpm
10460
28715
12920
13625
No load current Max 150%
mA
140
420
115
100
31.6
12.4
27.5
30.0
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
8308
27679
mA
3050
2500
2200
W
27.5
35.8
31.0
Rated Current
Rated Power
Starting current
mA
14286
58065
12676
12632
209
166
343
153
mN.m
Maximum power output
W
40.2
257.5
56.0
74.6
%
81
84
82
83
Maximum Efficiency
Terminal resistance ±12%
Ω
0.84
0.31
1.42
1.9
0.092
mH
Z
Mechanical time constant
ms
2.5
3.0
2.8
2.4
3.45
3.45
3.45
3.45
Moment of inertia
gcm2
Torque constant
mN.m/A
10.8
5.9
13.2
16.7
rpm/V
880
1607
724
572
Speed constant
Speed/torque gradient
rpm/mN.m
68.2
83.8
78.0
65.2
g
126.8
12
1213
13010
180
30.3
10962
3650
34.8
22222
193
65.6
83
0.54
0.055
2.4
3.45
8.7
1093
67.6
126.7
126.7
125.7
126.3
24
2410
9770
75
33.1
1500
7273
167
42.7
81
3.3
0.02
0.14
0.23
0.45
2.1
3.45
23.2
411
58.5
127.5
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:24GP
Cable 2: Red
Winding B
Cable 3: Blue
Winding C
L2:BL24
53.0
L3:EN16S
10.7
L3:EN24T
12.0
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 22#)
Stall torque
Inductance
(1KH )
10.5 K/W
2.5 N
50 N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
768 S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-24GP
AM-26GP
Recommended Encoder:
Encoder S:
AM-EN1611S***
2~3 Channels
Encoder T:
AM-EN2412T***
2~3 Channels
AM-BL2453AE Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor website.
10775
11668
1900
36.7
27.1
7836
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
24.0
34.3
42.8
L1:26GP
25.7
36
44.5
53
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1213

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
1213 LINEAR-1213 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
Yantel Corporation
1213 YANTEL-1213 Datasheet
454Kb / 2P
Variable RF Inductor
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
ASSUN MOTOR Pte Ltd.
1213 ASSUN-1213 Datasheet
286Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com