Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2413
Description  STANDARD SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2413 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2413 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
STANDARD SERIES
AM-BL3260AN Series
Nominal voltage
V
12
12
24
24
36
36
1212
1208
2413
2409
3613
3610
No load speed
±12%
rpm
12191
8127
12832
9752
12611
10449
No load current Max 150%
mA
355
192
190
160
125
31.3
42.1
28.6
34.4
29.1
36.2
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
11507
7245
12243
9305
12001
9690
mA
3700
3200
1800
1600
1200
1200
W
37.7
32.0
36.7
32.5
36.6
36.7
Rated Current
Rated Power
Starting current
mA
60000
27907
35294
120168
22360
15319
498
603
468
624
388
557
mN.m
Maximum power output
W
177.9
82.6
209.5
119.5
199.0
136.2
%
85
84
86
85
86
85
Maximum Efficiency
Terminal resistance ±12%
Ω
0.2
0.43
0.68
1.19
1.61
2.35
mH
Z
Mechanical time constant
ms
3.0
2.9
2.9
2.9
2.9
2.9
13.3
13.3
13.3
13.3
13.3
13.3
Moment of inertia
gcm2
Torque constant
mN.m/A
9.3
14.0
17.8
23.4
27.1
32.7
rpm/V
1022
682
538
409
352
292
Speed constant
Speed/torque gradient
rpm/mN.m
21.9
20.9
20.6
20.8
20.9
21.0
g
240
240
240
240
240
240
Weight
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Stall torque
Inductance
(1KH )
Download datasheet: https://assunmotor.com/documents-download
94
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
CC oonnnnee ccttiioonn ((AAW
WG
G 220##))
Total Length: L T=L1+L2+L3
Cable 1:Yellow
Winding A
L2:BL32 L3:EN22S L3:EN24T
Cable 2:Red
Winding B
60.0
10.7
12.0
Cable 3: Blue
Winding C
PPlluugg ddee ffiinniittiioonn ((AAW
WG
G 2288##))
Molex:51021-0500
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3 :Yellow
Hall A
Plug 4: Red
Hall B
Plug 5 :Blue
Hall C
7.8 K/W
6.0 N
110 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1089 S
28.0 N
4.0 mm
0 (
<6.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-32GP
AM-36GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN2412T***
2~3 Channels
AM-BL3260AN Combiniation Scheme
For more combination specs, visit Assun Motor website.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage. At elevated ambient
temperatures, load current must be reduced.
Standard rear shaft diameter:
4 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
L1:32GP
L1:36GP
27.4
30.6
35.9
39.6
48.6
44.4
52.9
57.6
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2413

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
logo
ASSUN MOTOR Pte Ltd.
2413 ASSUN-2413 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 2413

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0110K072 EPCOS-B72650M0110K072 Datasheet
96Kb / 7P
Monolithic; Standard Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
TAJ Series Standard Tantalum
logo
EPCOS
B72210S271K101 EPCOS-B72210S271K101 Datasheet
299Kb / 36P
Leaded varistors, StandarD series
logo
AVX Corporation
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
TAJ Series Standard Tantalum
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
Leaded varistors, StandarD series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com