Electronic Components Datasheet Search
  English  ▼

X  

ADC10738CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10738CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10738CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10738CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ =AV+ =DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 11)
Limits
(Note 12)
Units
(Limits)
UNSIGNED STATIC CONVERTER CHARACTERISTICS
DC Common Mode Error (Note 14)
V
IN+=VIN−=VIN where
+5.0V
≥ V
IN
≥ 0V
±0.1
LSB
Multiplexer Channel to Channel
Matching
V
REF+ = 4.096V
±0.1
LSB
DYNAMIC SIGNED CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
67
dB
ENOB
Effective Number of Bits
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
10.8
Bits
THD
Total Harmonic Distortion
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
−78
dB
IMD
Intermodulation Distortion
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
−85
dB
Full-Power Bandwidth
V
IN = 4.85 VPP, where
S/(N + D) Decreases 3 dB
380
kHz
Multiplexer Chan to Chan Crosstalk
f
IN = 15 kHz
−80
dB
DYNAMIC UNSIGNED CONVERTER CHARACTERISTIC
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN =1 kHz to 15 kHz
60
dB
ENOB
Effective Bits
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
9.8
Bits
THD
Total Harmonic Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
−70
dB
IMD
Intermodulation Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
−73
dB
Full-Power Bandwidth
V
IN = 4.0 VPP,
V
REF+ = 4.096V,
where S/(N+D) decreases
3dB
380
kHz
Multiplexer Chan to Chan Crosstalk
f
IN = 15 kHz,
V
REF+ = 4.096V
−80
dB
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
7k
Ω
Reference Input Resistance
5.0
k
Ω(min)
9.5
k
Ω(max)
C
REF
Reference Input Capacitance
70
pF
MUX Input Voltage
−50
AV
+ + 50mV
mV (min)
(max)
C
IM
MUX Input Capacitance
47
pF
Off Channel Leakage Current
(Note 15)
On Channel = 5V and
Off Channel = 0V
−0.4
−3.0
µA (max)
On Channel = 0V and
Off Channel = 5V
0.4
3.0
µA (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com