Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4538F Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4538F
Description  High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4538F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4538F Datasheet HTML 2Page - Texas Instruments CD54HC4538F Datasheet HTML 3Page - Texas Instruments CD54HC4538F Datasheet HTML 4Page - Texas Instruments CD54HC4538F Datasheet HTML 5Page - Texas Instruments CD54HC4538F Datasheet HTML 6Page - Texas Instruments CD54HC4538F Datasheet HTML 7Page - Texas Instruments CD54HC4538F Datasheet HTML 8Page - Texas Instruments CD54HC4538F Datasheet HTML 9Page - Texas Instruments CD54HC4538F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Input Pulse Widths
tWH, tWL
A, B
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
RtWL
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Reset Recovery Time
tREC
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
Retrigger Time
(Figure 11)
trT
5
-
175
-
-
-
-
-
-
-
ns
HCT TYPES
Input Pulse Widths
tWH, tWL
A, B
4.5
16
-
-
20
-
-
24
-
-
ns
RtWL
4.5
20
-
-
25
-
-
30
-
-
ns
Reset Recovery Time
tREC
4.5
5
-
-
5
-
-
5
-
-
ns
Retrigger Time
(Figure 11)
trT
5
-
175
-
-
-
-
-
-
-
ns
CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com