Electronic Components Datasheet Search
  English  ▼

X  

1669042 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1669042
Description  SAC-3P-M12Y/2X0,6-PUR/M12FR2LB - Sensor/actuator cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1669042 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1669042 Datasheet HTML 1Page - PHOENIX CONTACT 1669042 Datasheet HTML 2Page - PHOENIX CONTACT 1669042 Datasheet HTML 3Page - PHOENIX CONTACT 1669042 Datasheet HTML 4Page - PHOENIX CONTACT 1669042 Datasheet HTML 5Page - PHOENIX CONTACT 1669042 Datasheet HTML 6Page - PHOENIX CONTACT 1669042 Datasheet HTML 7Page - PHOENIX CONTACT 1669042 Datasheet HTML 8Page - PHOENIX CONTACT 1669042 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, on Socket angled M12, coding: A, with 2 LEDs, PIN 2+4 bridged and Socket angled
M12, coding: A, with 2 LEDs, PIN 2+4 bridged, cable length: 0.6 m
Commercial data
Item number
1669042
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
AF1COA
Catalog page
Page 250 (C-2-2019)
GTIN
4017918135997
Weight per piece (including packing)
61.7 g
Weight per piece (excluding packing)
61.7 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-M12Y/2X0,6-PUR/M12FR2LB -
Sensor/actuator cable
1669042
https://www.phoenixcontact.com/us/products/1669042
Jan 23, 2025, 5:05 AM
Page 1 (10)


Similar Part No. - 1669042

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1669000 PHOENIX-1669000 Datasheet
505Kb / 10P
SAC-3P-M12Y/2X0,6-PUR/M12FR B - Sensor/actuator cable
1669013 PHOENIX-1669013 Datasheet
505Kb / 10P
SAC-3P-M12Y/2X1,5-PUR/M12FR B - Sensor/actuator cable
1669026 PHOENIX-1669026 Datasheet
505Kb / 10P
SAC-3P-M12Y/2X3,0-PUR/M12FR B - Sensor/actuator cable
1669039 PHOENIX-1669039 Datasheet
506Kb / 10P
SAC-3P-M12Y/2X0,3-PUR/M12FR2LB - Sensor/actuator cable
1669055 PHOENIX-1669055 Datasheet
506Kb / 10P
SAC-3P-M12Y/2X1,5-PUR/M12FR2LB - Sensor/actuator cable
More results

Similar Description - 1669042

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400814 PHOENIX-1400814 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-5,0-PUR/C
1402983 PHOENIX-1402983 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A
1402984 PHOENIX-1402984 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/A
1438862 PHOENIX-1438862 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI
1439544 PHOENIX-1439544 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A
1502484 PHOENIX-1502484 Datasheet
90Kb / 4P
Sensor/actuator cable - SAC-3P-M12Y/2X4,0-140
12/05/2018
1562482 PHOENIX-1562482 Datasheet
89Kb / 5P
Sensor/actuator cable - SAC-3P-M12Y/2X3,0-PUR/M12FR-2L
12/06/2018
1668959 PHOENIX-1668959 Datasheet
152Kb / 10P
Sensor/actuator cable - SAC-3P-M12Y/2X0,3-PUR/M12FS B
09/11/2020
1671399 PHOENIX-1671399 Datasheet
163Kb / 12P
Sensor/actuator cable - SAC-3P-M12Y/2X1,5-PUR/M 8FR
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com